データシートサーチシステム |
|
LM324SNG データシート(PDF) 3 Page - ON Semiconductor |
|
LM324SNG データシート(HTML) 3 Page - ON Semiconductor |
3 / 8 page LM324S, LM2902S http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, VEE = GND, TA = 25°C, unless otherwise noted.) Characteristics Symbol LM324S LM2902S Unit Min Typ Max Min Typ Max Input Offset Voltage VIO mV VCC = 5.0 V to 30 V, VICR = 0 V to VCC −1.7 V, VO = 1.4 V, RS = 0 W TA = 25°C − 2.0 7.0 − 2.0 7.0 TA = Thigh (Note 4) − − 9.0 − − 10 TA = Tlow (Note 4) − − 9.0 − − 10 Average Temperature Coefficient of Input Offset Voltage DVIO/DT − 7.0 − − 7.0 − mV/°C TA = Thigh to Tlow (Notes 4 and 6) Input Offset Current IIO − 5.0 50 − 5.0 50 nA TA = Thigh to Tlow (Note 4) − − 150 − − 200 Average Temperature Coefficient of Input Offset Current TA = Thigh to Tlow (Notes 4 and 6) DIIO/DT − 10 − − 10 − pA/ °C Input Bias Current IIB − −90 −250 − −90 −250 nA TA = Thigh to Tlow (Note 4) − − −500 − − −500 Input Common Mode Voltage Range (Note 5) VICR V VCC = 30 V TA = +25°C 0 − 28.3 0 − 28.3 TA = Thigh to Tlow (Note 4) 0 − 28 0 − 28 Differential Input Voltage Range VIDR − − VCC − − VCC V Large Signal Open Loop Voltage Gain AVOL V/mV RL = 2.0 kW, VCC = 15 V, for Large VO Swing 25 100 − 25 100 − TA = Thigh to Tlow (Note 4) 15 − − 15 − − Channel Separation 10 kHz ≤ f ≤ 20 kHz, Input Referenced CS − −120 − − −120 − dB Common Mode Rejection, RS ≤ 10 kW CMR 65 70 − 50 70 − dB Power Supply Rejection PSR 65 100 − 50 100 − dB Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. 4. LM324S: Tlow = 0°C, Thigh = +70°C LM2902S: Tlow = −40°C, Thigh = +105°C 5. The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V. The upper end of the common mode voltage range is VCC −1.7 V, but either or both inputs can go to +32 V without damage, independent of the magnitude of VCC. 6. Guaranteed by design. |
同様の部品番号 - LM324SNG |
|
同様の説明 - LM324SNG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |