データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1876 データシート(PDF) 8 Page - ON Semiconductor

部品番号 LB1876
部品情報  3-phase Brushless Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1876 データシート(HTML) 8 Page - ON Semiconductor

Back Button LB1876 Datasheet HTML 4Page - ON Semiconductor LB1876 Datasheet HTML 5Page - ON Semiconductor LB1876 Datasheet HTML 6Page - ON Semiconductor LB1876 Datasheet HTML 7Page - ON Semiconductor LB1876 Datasheet HTML 8Page - ON Semiconductor LB1876 Datasheet HTML 9Page - ON Semiconductor LB1876 Datasheet HTML 10Page - ON Semiconductor LB1876 Datasheet HTML 11Page - ON Semiconductor LB1876 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LB1876
No.6201-8/12
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent curcuit
22
PD
Phase comparator output pin.
The phase error is converted to a pulse duty and output from
this pin.
22
VREG
300
Ω
23
CLD
Phase lock signal mask time setting pin.
A mask time of about 90ms can be set by inserting a
capacitor (about 0.1
μF) between this pin and ground. Leave
this pin open if there is no need to mask.
23
VREG
300
Ω
24
FGS
FG Schmitt output pin.
Open collector output.
24
VREG
25
LD
Phase lock detection output pin.
Open collector output.
Turns on (goes low) when phase lock is detected.
25
VREG
26
S/S
Start/stop control pin.
Low: 0 to 1.5V
High: 3.5V to VREG
Hysteresis: About 0.5V
Apply a low level to start; this pin goes high when open.
26
VREG
22k
Ω
2k
Ω
27
CLK
Clock input pin.
Low: 0 to 1.5V
High: 3.5V to VREG
Hysteresis: About 0.5 V
fCLK = 10kHz maximum
If there is noise on the clock signal, remove that noise with a
capacitor.
27
VREG
22k
Ω
2k
Ω
30
VCC
Power supply pin
Insert a capacitor between this pin and ground to prevent
noise from entering the IC. (Use a value of 20 or 30
μF or
higher.)
Continued on next page.


同様の部品番号 - LB1876

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB1876 SANYO-LB1876 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
More results

同様の説明 - LB1876

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com