データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1980JH データシート(PDF) 4 Page - ON Semiconductor

部品番号 LB1980JH
部品情報  3-Phase Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1980JH データシート(HTML) 4 Page - ON Semiconductor

  LB1980JH Datasheet HTML 1Page - ON Semiconductor LB1980JH Datasheet HTML 2Page - ON Semiconductor LB1980JH Datasheet HTML 3Page - ON Semiconductor LB1980JH Datasheet HTML 4Page - ON Semiconductor LB1980JH Datasheet HTML 5Page - ON Semiconductor LB1980JH Datasheet HTML 6Page - ON Semiconductor LB1980JH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LB1980JH
No.A0231-4/7
U
UIN+
UIN-
V
VIN+
VIN-
W
WIN+
WIN-
About 0.435VCC
LIMREF
CTL
CTLREF
LIM
FR
GND
VCC
Differential
distribution and
torque ripple
correction
block
Upper side
saturation
prevention
control
Feedback
amplifier
FG amplifier
Bandgap 1.2V
Reference
voltage
Control
amplifier
Forward /
reverse
selection
Drive distribution circuit
and lower side saturation
prevention circuit
W
gm
gm
V
U
VOUT
UOUT
VS
Output stage
WOUT
Rf(PWR)
ADJ
GSENSE
FGIN-
FGIN+
FGOUT
Rf(SENSE)
Antilogarithm
conversion
and
differential
distribution
TSD
FC
+
+
+
+
+
+
+
+
+
+
24
1
28
27
14
15
16
17
18
19
20
11
12
13
7
10
9
8
23
4
5
21
6
22
Block Diagram


同様の部品番号 - LB1980JH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
More results

同様の説明 - LB1980JH

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com