データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11899J-MPB-E データシート(PDF) 11 Page - ON Semiconductor

部品番号 LB11899J-MPB-E
部品情報  Three-in-One Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11899J-MPB-E データシート(HTML) 11 Page - ON Semiconductor

Back Button LB11899J-MPB-E Datasheet HTML 7Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 8Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 9Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 10Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 11Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 12Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 13Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 14Page - ON Semiconductor LB11899J-MPB-E Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LB11899J
No.A2229-11/16
Continued from preceding page.
Pin
No
Symbol
Pin voltage
Pin Description
Equivalent Circuit
32
C1
Triangular wave generating
capacitor connection pin of drum
block. This triangular wave
performs soft- switching of the coil
output waveform.
31
C2
29
CX
In the VCO circuit, the operation
frequency range and minimum
operation frequency are
determined by means of the
capacitor value connected to this
pin and GND.
27
LIN
0V to VCC
Loading logic input pin
13
LOUT1
Loading motor driver output pin
10
LOUT2
11
LGND
Loading output transistor GND pin
300
Ω
VCC
29
1/2VCC-VF
1k
Ω
VCC
31
32
27
20k
Ω
20k
Ω
10k
Ω
13 10
12
11


同様の部品番号 - LB11899J-MPB-E

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LB11815AG-15-AA3 UTC-LB11815AG-15-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TA3 UTC-LB11815AG-15-TA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TN3 UTC-LB11815AG-15-TN3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-15-TQ2 UTC-LB11815AG-15-TQ2 Datasheet
199Kb / 4P
   1.5A CMOS LDO
LB11815AG-18-AA3 UTC-LB11815AG-18-AA3 Datasheet
199Kb / 4P
   1.5A CMOS LDO
More results

同様の説明 - LB11899J-MPB-E

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SA56202 PHILIPS-SA56202 Datasheet
117Kb / 24P
   One-chip motor driver
Rev. 01-19 July 2004
logo
STMicroelectronics
L634 STMICROELECTRONICS-L634 Datasheet
469Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
logo
Sanyo Semicon Device
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2182 AMTEK-AM2182 Datasheet
370Kb / 12P
   One Channel Reversible Motor Driver
Mar, 2014 V1.1
logo
Sanyo Semicon Device
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com