データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GST18U07-P1J データシート(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

部品番号 GST18U07-P1J
部品情報  18W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST18U07-P1J データシート(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GST18U07-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST18U07-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST18U07-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
18W AC-DC High Reliability Industrial Adaptor
G S T 1 8 U series
File Name:GST18U-SPEC 2015-10-29
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
7.5V
9V
12V
15V
18V
24V
28V
48V
GST18U05
GST18U07
GST18U09
GST18U12
GST18U15
GST18U18
GST18U24
GST18U28
GST18U48
3.0A
2.0A
2.0A
1.50A
1.20A
1.0A
0.75A
0.64A
0.375A
0 ~ 3.0A
0 ~ 2.0A
0 ~2.0A
0 ~ 1.50A
0 ~ 1.20A
0 ~ 1.0A
0 ~ 0.75A
80mVp-p
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
85 ~ 264VAC
47 ~ 63Hz
0.5A / 115VAC
0.3A / 230VAC
35A / 115VAC
65A / 230VAC
0.25mA / 240VAC
UL60950-1, CSA C22.2, BSMI CNS14336 approved
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:4242VDC
I/P-O/P:100M Ohms / 500VDC / 25℃/ 70% RH
500Khrs min. MIL-HDBK-217F(25℃)
-30 ~ +70℃ (Refer to "Derating Curve")
20% ~ 90% RH non-condensing
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
79*54*33mm (L*W*H)
198g; 60pcs/12.9Kg/1.22CUFT
CONNECTOR
PLUG
CABLE
15W
15W
18W
18W
18W
18W
18W
18W
0 ~ 0.64A
18W
0 ~ 0.375A
℃









OVERLOAD
OVER VOLTAGE
110 ~ 150% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
110 ~ 140% rated output voltage
Protection type : Clamp by zener diode, output short
Compliance to FCC PART 15 / CISPR22 class B, CNS13438 class B
1000ms, 30ms, 50ms/230VAC
1500ms, 30ms, 15ms/115VAC at full load
GST18U05-P1J
GST18U09-P1J
GST18U15-P1J
GST18U24-P1J
GST18U48-P1J
GST18U07-P1J
GST18U12-P1J
GST18U18-P1J
GST18U28-P1J
EMC EMISSION
See page 3 ; Other type available by customer requested
See page 3 ; Other type available by customer requested
-40 ~ +85℃, 10 ~ 95% RH
±0.03% / ℃ (0 ~ 50℃)
VOLTAGE RANGE
Note.7
81%
85%
85%
86%
87%
88%
88%
88.5%
89%


同様の部品番号 - GST18U07-P1J

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A05-P1J MEANWELL-GST18A05-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A07-P1J MEANWELL-GST18A07-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A09-P1J MEANWELL-GST18A09-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A12-P1J MEANWELL-GST18A12-P1J Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
More results

同様の説明 - GST18U07-P1J

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
GST18B MEANWELL-GST18B Datasheet
107Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18E MEANWELL-GST18E Datasheet
94Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GEM18I MEANWELL-GEM18I Datasheet
126Kb / 3P
   18W AC-DC High Reliability Interchangeable Medical Adaptor
SGA18E MEANWELL-SGA18E Datasheet
87Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA18U MEANWELL-SGA18U Datasheet
75Kb / 3P
   18W AC-DC High Reliability Slim Wall-mounted Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com