データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GST25A28-P1J データシート(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

部品番号 GST25A28-P1J
部品情報  25W AC-DC High Reliability Industrial Adaptor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST25A28-P1J データシート(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GST25A28-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST25A28-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST25A28-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GST25A28-P1J Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
25W AC-DC High Reliability Industrial Adaptor
G S T 2 5 A series
File Name:GST25A-SPEC 2015-10-29
GST25A05-P1J GST25A07-P1J GST25A09-P1J GST25A12-P1J GST25A15-P1J GST25A18-P1J GST25A24-P1J GST25A28-P1J GST25A48-P1J
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
SETUP, RISE, HOLD UP TIME
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GST25A05
7.5V
GST25A07
9V
GST25A09
12V
GST25A12
15V
GST25A15
18V
GST25A18
24V
GST25A24
28V
GST25A28
48V
GST25A48
80mVp-p
80mVp-p
80mVp-p
100mVp-p
150mVp-p
180mVp-p
240mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±2.0%
47 ~ 63Hz
0.75mA / 240VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:4242VDC, I/P-FG:2121VDC
I/P-O/P, I/P-FG:100M Ohms / 500VDC / 25℃/ 70% RH
674.55Khrs min. MIL-HDBK-217F(25℃)
-30 ~ +70℃ (Refer to "Derating Curve")
20% ~ 90% RH non-condensing
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
93*54*36mm (L*W*H)
209g; 60pcs/13.5Kg/1.12CUFT
CONNECTOR
PLUG
CABLE
OVERLOAD
OVER VOLTAGE
110 ~ 150% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
4.0A
2.93A
2.55A
2.08A
1.66A
1.38A
1.04A
0.89A
0.52A
0 ~ 4.0A
0 ~ 2.93A
0 ~ 2.55A
0 ~ 1.66A
0 ~ 1.38A
0 ~ 1.04A
0 ~ 0.89A
0 ~ 0.52A
20W
22W
23W
25W
0 ~ 2.08A
25W
25W
25W
25W
25W
Protection type : Clamp by zener diode
Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A
EMC IMMUNITY
EMC EMISSION
See page 3,4 ; Other type available by customer requested
See page 3,4 ; Other type available by customer requested
80mVp-p
85 ~ 264VAC
81.5%
84.5%
85%
86.5%
87%
87%
88%
88%
89%
110 ~ 140% rated output voltage
1000ms, 30ms, 50ms/230VAC
1500ms, 30ms, 15ms/115VAC at full load
0.6A / 115VAC
0.35A / 230VAC
VOLTAGE RANGE
Note.7
EMC
(Note. 8)
UL60950-1, CSA C22.2, TUV EN60950-1, BSMI CNS14336, CCC GB4943, PSE J60950-1 approved
-40 ~ +85℃, 10 ~ 95% RH
±0.03% / ℃ (0 ~ 50℃)
35A / 115VAC
65A / 230VAC
℃









Compliance to EN55022 class B EN61000-3-2,3, FCC PART 15 / CISPR22 class B, CNS13438 class B
,
, GB9254, GB17625.1


同様の部品番号 - GST25A28-P1J

メーカー部品番号データシート部品情報
logo
Willow Technologies Ltd
GST25 WILLOW-GST25 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST25 RIEDON-GST25 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
logo
Willow Technologies Ltd
GST2512 WILLOW-GST2512 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST2512 RIEDON-GST2512 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST2512 RIEDON-GST2512 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
More results

同様の説明 - GST25A28-P1J

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST25B MEANWELL-GST25B Datasheet
772Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST25E MEANWELL-GST25E Datasheet
561Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
   25W AC-DC High Reliability Medical Adaptor
SGA25E MEANWELL-SGA25E Datasheet
85Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GP25A MEANWELL-GP25A Datasheet
98Kb / 3P
   25W AC-DC Triple Output Industrial Adaptor
SGA25U MEANWELL-SGA25U Datasheet
74Kb / 3P
   25W AC-DC High Reliability Slim Wall-mounted Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com