データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GST36E データシート(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

部品番号 GST36E
部品情報  36W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST36E データシート(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GST36E Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST36E Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST36E Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
36W AC-DC High Reliability Industrial Adaptor
GST36E series
■ Features
■ Applications
■ Model Encoding
-
E05
GST
P1J
36
Series name
Output wattage
European 2 pin AC plug
Output voltage
■ Description
File Name:GST36E-SPEC 2015-06-24
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
Universal AC input / Full range
2 pole EURO plug
No load power consumption< 0.075W
Energy efficiency Level VI
Comply with EU ErP and CoC Version 5
Class
power (without earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Pass LPS
High operating temperature up to +70℃
LED indicator for power on
3 years warranty
GST36E is a highly reliable, 18W wall-mounted style single-output green adaptor series. This product is
a class
power unit (without FG), equipped with a 2-Pin standard European AC power plug, adopting the
input range from 85VAC to 264VAC. The entire series supplies different models with output voltages ranging
between 5VDC and 48VDC that can satisfy the demands for various types of consumer electronic devices.
With the efficiency up to 90% and the extremely low no-load power consumption below 0.075W, GST36E is
compliant with EU Erp and Code of Conduct(CoC) Version 5 . The supreme feature allows the adaptor to
save the energy when it is either under the operating mode or the standby mode. The entire series utilizes
the 94V-0 flame retardant plastic case, providing the double insulation that effectively prevents electrical
shock.GST36E is certified for the international safety regulations.
{P1J:Plugforstandardmodel,2.1 5.5 11mm,c+,tuningforktype
ψψ
××
DC plug type
Optional plug type available by customer requested


同様の部品番号 - GST36E

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A12-C8P MEANWELL-GST360A12-C8P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A15-C8P MEANWELL-GST360A15-C8P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A24-C6P MEANWELL-GST360A24-C6P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST360A36-C6P MEANWELL-GST360A36-C6P Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
More results

同様の説明 - GST36E

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST36U MEANWELL-GST36U Datasheet
526Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com