データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GST40A12-P1J データシート(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

部品番号 GST40A12-P1J
部品情報  40W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST40A12-P1J データシート(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GST40A12-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST40A12-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST40A12-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
AMBIENT TEMPERATURE ( )
0
-30
20
10
30
40
20
40
80
60
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
POWER LED
-V not connected to AC FG
Inside
Outside
70 10mm
±
11 0.5mm
±
UL1185 16AWG 1000 50mm for 5 ~ 15V
±
UL1185 18AWG 1800 50mm for 18 ~ 48V
±
ID 2.1 x OD 5.5
C"+"
125
GST40A series
File Name:GST40A-SPEC 2015-06-12
Case No. GS60A
Unit:mm
Plug Assignment
Standard plug: P1J
P/N
OUTPUT
P1J
CENTER
+
40W AC-DC High Reliability Industrial Adaptor


同様の部品番号 - GST40A12-P1J

メーカー部品番号データシート部品情報
logo
Willow Technologies Ltd
GST4020 WILLOW-GST4020 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST4020 RIEDON-GST4020 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST4020 RIEDON-GST4020 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
More results

同様の説明 - GST40A12-P1J

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
GE40 MEANWELL-GE40 Datasheet
489Kb / 5P
   40W AC-DC Interchangeable Industrial Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com