データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GST40A12-P1J データシート(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

部品番号 GST40A12-P1J
部品情報  40W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST40A12-P1J データシート(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GST40A12-P1J Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST40A12-P1J Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST40A12-P1J Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
40W AC-DC High Reliability Industrial Adaptor
GST40A series
■ Features
■ Applications
■ Model Encoding
-
A05
GST
P1J
40
Series name
Output wattage
IEC320-C14 AC inlet
Output voltage{
GST40A is a highly reliable, 40W desktop style single-output green adaptor series. This product is a class
power unit (with FG), equipped with a standard IEC320-C14 AC inlet and adopting the input range from
90VAC to 264VAC. The entire series supplies different models with output voltages ranging between 5VDC
and 48VDC that can satisfy the demands for various types of consumer electronic devices.
With the efficiency up to 92% and the extremely low no-load power consumption below 0.075W,GST40A is
compliant with USA EISA 2007/DoE, Canada NRCan, Australia and New Zealand MEPS, EU ErP,and Code
of Conduct (CoC) Version 5. The supreme feature allows the adaptor to save the energy when it is either
under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant plastic
case.GST40A is certified for the international safety regulations.
■ Description
File Name:GST40A-SPEC 2015-06-12
Universal AC input / Full range
3 pole AC inlet IEC320-C14
No load power consumption<0.075W
Energy efficiency Level VI
Comply with EISA 2007/DoE,NRCan,
AU/NZ MEPS,EU ErP and CoC Version 5
Class power (with earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Pass LPS
Fanless design with -30~+70 working temperature
LED indicator for power on
3 years warranty
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
P1J: Plug for standard model,2.1 x5.5 x11mm,c+,tuning fork type
ψψ
DC plug type
Optional plug type available by customer requested


同様の部品番号 - GST40A12-P1J

メーカー部品番号データシート部品情報
logo
Willow Technologies Ltd
GST4020 WILLOW-GST4020 Datasheet
924Kb / 2P
   High Value Resistors radial leaded
logo
Riedon Powertron
GST4020 RIEDON-GST4020 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST4020 RIEDON-GST4020 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
More results

同様の説明 - GST40A12-P1J

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
GE40 MEANWELL-GE40 Datasheet
489Kb / 5P
   40W AC-DC Interchangeable Industrial Adaptor
SGA40E MEANWELL-SGA40E Datasheet
84Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA40U MEANWELL-SGA40U Datasheet
71Kb / 3P
   40W AC-DC High Reliability Slim Wall-mounted Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com