データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS3524AGN16 データシート(PDF) 5 Page - ON Semiconductor

部品番号 CS3524AGN16
部品情報  Voltage Mode PWM Control Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3524AGN16 データシート(HTML) 5 Page - ON Semiconductor

  CS3524AGN16 Datasheet HTML 1Page - ON Semiconductor CS3524AGN16 Datasheet HTML 2Page - ON Semiconductor CS3524AGN16 Datasheet HTML 3Page - ON Semiconductor CS3524AGN16 Datasheet HTML 4Page - ON Semiconductor CS3524AGN16 Datasheet HTML 5Page - ON Semiconductor CS3524AGN16 Datasheet HTML 6Page - ON Semiconductor CS3524AGN16 Datasheet HTML 7Page - ON Semiconductor CS3524AGN16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS3524A
http://onsemi.com
5
Figure 4. Quiescent Supply Current vs. Supply
Voltage Over Temperature
Figure 5. Shutdown Delay from PWM Comparator
10
20
30
40
50
Supply Voltage VIN (V)
9
7
5
3
1
10
8
6
4
2
0
0
TA = −55°C
TA = 25°C
TA = 125°C
Note: Outputs off. RT = ∞
0
12
3
Delay Time (μs)
20
15
10
5
0
5
4
3
2
1
0
VIN = 20 V
RL = 2 kΩ
TA = 25°C
Note: Minimum input pulse width to latch is 200 ns.
Output at
VOA or VOB
Input at VOB
Figure 6. Oscillator Frequency vs. Timing
Components Resistor Over Timing Capacitance
1 M
100 k
10 k
100
1 k
1
2
5
20
100
Timing Resistor, RT (kΩ)
50
10
VIN = 20 V
TA = 25°C
f [ 1.15
RTCT
1. CT = 1.0 nF
2. CT = 3.0 nF
3. CT = 10 nF
4. CT = 30 nF
5. CT = 100 nF
1
2
3
4
5
12
5
20
100
Timing Capacitor, CT (nF)
50
10
10
5.0
0.1
2.0
1.0
0.5
0.2
VIN = 20 V
RT = 2700 Ω
TA = 25°C
Note: Dead time = osc output
pulse width plus output delay
Figure 7. Output Dead Time vs. Timing Capacitor
Value
12
4
Delay Time (μs)
5
6
4
3
2
1
0
0.2
0.1
0
3
0
Output at COMP
Overdrive
5%
10%
20%
50%
Input at ISENSE+
VIN = 20 V, TA = 25°C
EA+ = VREF
ISENSE− = GND
01
23
Delay Time (μs)
Note: Minimum input pulse
width to latch is 200 ns.
5
10
0
1.0
0.5
0
15
20
VIN = 20 V
RL = 2.0 kΩ
TA = 25°C
Output at
VOA or VOB
Input at
Shutdown
Figure 8. Current Limit Amplifier Delay
Figure 9. Turn−Off Delay from Shutdown


同様の部品番号 - CS3524AGN16

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS3524AGN16 CHERRY-CS3524AGN16 Datasheet
151Kb / 6P
   Voltage Mode PWM Control Circuit with 200mA Output Drivers
More results

同様の説明 - CS3524AGN16

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TL494 UTC-TL494_09 Datasheet
199Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
UTCTL494 UTC-UTCTL494 Datasheet
54Kb / 6P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_13 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Unisonic Technologies
TL494 UTC-TL494_12 Datasheet
194Kb / 7P
   VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
CS3845B ONSEMI-CS3845B Datasheet
63Kb / 8P
   Current Mode PWM Control Circuit
December, 2001 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com