データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMP-5600 データシート(PDF) 2 Page - Murata Power Solutions Inc.

部品番号 KMP-5600
部品情報  10A Current Sensing Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA-PS [Murata Power Solutions Inc.]
ホームページ  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

KMP-5600 データシート(HTML) 2 Page - Murata Power Solutions Inc.

  KMP-5600 Datasheet HTML 1Page - Murata Power Solutions Inc. KMP-5600 Datasheet HTML 2Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KMP_5600C_C01 Page 2 of 2
5600 Series
10A Current Sensing Transformers
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2012 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
16.79 (0.661)
8.89 (0.350)
4.06 (0.160)
5.08 (0.200)
6.35 (0.250)
12.70 (0.500)
Ø5.00 (0.197)
Ø0.79±0.05
(0.031±0.002)
12*
3
Package weight: 5.7Typ.
*Pin 2 is fitted on 56TXXXC variants only.
Arrow designates winding direction referenced to inner core surface.
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Tube length: 475±2 [18.701±0.079]
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Tube quantity: 25
Tube material: Antistatic coated clear PVC
6.35 (0.250)
12.70 (0.500)
0.10 (0.004)
x3 HOLES
Ø0.065 (1.65)
Ø0.059 (1.50)
1
2*
3
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Schematic
11.20 (0.441)
2.10±0.25 (0.083±0.010)
7.00 (0.276)
30.00 (1.181)
22.20 (0.874)
0.60±0.15 (0.024±0.006)


同様の部品番号 - KMP-5600

メーカー部品番号データシート部品情報
logo
M-System Co.,Ltd.
KMP-1-B MSYSTEM-KMP-1-B Datasheet
134Kb / 4P
   Final Control Elements
KMP-1-B/Q MSYSTEM-KMP-1-B/Q Datasheet
134Kb / 4P
   Final Control Elements
KMP-1-C MSYSTEM-KMP-1-C Datasheet
134Kb / 4P
   Final Control Elements
KMP-1-C/Q MSYSTEM-KMP-1-C/Q Datasheet
134Kb / 4P
   Final Control Elements
KMP-1-D MSYSTEM-KMP-1-D Datasheet
134Kb / 4P
   Final Control Elements
More results

同様の説明 - KMP-5600

メーカー部品番号データシート部品情報
logo
Murata Power Solutions ...
56050C MURATA-PS-56050C Datasheet
101Kb / 2P
   10A Current Sensing Transformers
logo
Murata Manufacturing Co...
KMP_5300C MURATA-KMP_5300C Datasheet
124Kb / 2P
   10A Current Sensing Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
   Current Sensing Transformers
logo
Murata Manufacturing Co...
KMP_5400C MURATA-KMP_5400C Datasheet
114Kb / 2P
   15A Current Sensing Transformers
KMP_5500C MURATA-KMP_5500C Datasheet
141Kb / 2P
   15A Current Sensing Transformers
logo
Bel Fuse Inc.
SCS BEL-SCS Datasheet
1Mb / 5P
   High Frequency SMD Current Sensing Transformers
August 24 2022
logo
Myrra
74540 MYRRA-74540 Datasheet
87Kb / 1P
   CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
   CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
74500 MYRRA-74500 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com