データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1863M データシート(PDF) 1 Page - ON Semiconductor

部品番号 LB1863M
部品情報  Two-Phase Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1863M データシート(HTML) 1 Page - ON Semiconductor

  LB1863M Datasheet HTML 1Page - ON Semiconductor LB1863M Datasheet HTML 2Page - ON Semiconductor LB1863M Datasheet HTML 3Page - ON Semiconductor LB1863M Datasheet HTML 4Page - ON Semiconductor LB1863M Datasheet HTML 5Page - ON Semiconductor LB1863M Datasheet HTML 6Page - ON Semiconductor LB1863M Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Publication Order Number :
LB1863M_69M/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2014
August 2014 - Rev. 0
ORDERING INFORMATION
See detailed ordering and shipping information on page 7 of this data sheet.
LB1863M, LB1869M
Overview
The LB1863M and LB1869M are 2-phase unipolar brushless motor
drivers that are provided in a miniature flat package that contributes to
end product miniaturization and supports automatic mounting. These
products support the implementation of motor drive lock protection and
automatic recovery circuits, and alarm specifications with a minimal
number of external components.
Features and Functions
Hall elements can be connected directly to the IC itself.
1.5-A output current output transistors built in
Rotation detection function that provides a low-level output during
motor drive and a high-level output when the motor is stopped
Motor lock protection and automatic recovery functions built in
Thermal shutdown circuit
Switching noise can be reduced with an external ceramic capacitor.
Classification
Package
MFP-14S
System Voltage
12V
LB1869M
24V
LB1863M
Note: The LB1869M and LB1863M are pin compatible so
that the same printed circuit board can be used for
both 12 V and 24 V products.
Monolithic Digital IC
Two-Phase Brushless
Motor Driver
SOIC14 W / MFP14S (225 mil)


同様の部品番号 - LB1863M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1863M SANYO-LB1863M Datasheet
76Kb / 5P
   Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
LB1863M SANYO-LB1863M Datasheet
151Kb / 6P
   Two-Phase Unipolar Brushless Motor Driver Automatic Recovery Type Circuit in a Miniature Flat Package
logo
ON Semiconductor
LB1863M ONSEMI-LB1863M Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
LB1863M-MPB-E ONSEMI-LB1863M-MPB-E Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
LB1863M-MPB-H ONSEMI-LB1863M-MPB-H Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
More results

同様の説明 - LB1863M

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1868 SANYO-LB1868 Datasheet
32Kb / 4P
   Two-Phase Brushless Fan Motor Driver
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
   Two-Phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M Datasheet
43Kb / 5P
   Two-Phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1863M ONSEMI-LB1863M_18 Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
logo
Unisonic Technologies
UM2640 UTC-UM2640 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2641 NJRC-NJM2641 Datasheet
51Kb / 3P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_17 Datasheet
193Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
New Japan Radio
NJM2640 NJRC-NJM2640 Datasheet
65Kb / 7P
   Two-phase Unipolar DC Brushless Motor Pre-Driver IC
logo
Unisonic Technologies
UM2640 UTC-UM2640_15 Datasheet
202Kb / 8P
   TWO-PHASE UNIPOLAR DC BRUSHLESS MOTOR PRE-DRIVER IC
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com