データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1960MC データシート(PDF) 4 Page - ON Semiconductor

部品番号 LB1960MC
部品情報  2-phase Half-Wave Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1960MC データシート(HTML) 4 Page - ON Semiconductor

  LB1960MC Datasheet HTML 1Page - ON Semiconductor LB1960MC Datasheet HTML 2Page - ON Semiconductor LB1960MC Datasheet HTML 3Page - ON Semiconductor LB1960MC Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LB1960MC
PS No.A2078-4/4
Application Circuit Example 5/12V power supply (3.8 to 18V)
VCC
H
OUT1
OUT2
GND
CT
0.1
μF
IN+
IN−
HB+
RH
On-board parts
Precautions
• If CT pin is connected to GND, the lockup protection and restart functions are disabled.
• In a circuit configuration as shown above, a power supply/GND reverse connection will cause a current to flow as
follows: GND
→ OUT → coil → power supply. The value of this current is limited by the coil resistance. If it is less
than 500mA, the IC will not be destroyed. If required, insert a diode between VCC and the coil.
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture ofthe
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


同様の部品番号 - LB1960MC

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1960MC SANYO-LB1960MC Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
More results

同様の説明 - LB1960MC

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
LB11966M SANYO-LB11966M Datasheet
71Kb / 4P
   2-phase Half-Wave Driver
logo
Rohm
BA6407AF ROHM-BA6407AF Datasheet
84Kb / 6P
   2-phase half-wave motor driver
BA6809F ROHM-BA6809F Datasheet
88Kb / 6P
   2-phase half-wave motor driver
logo
Fairchild Semiconductor
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1966M SANYO-LB1966M Datasheet
32Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com