データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11867FV-MPB-H データシート(PDF) 3 Page - ON Semiconductor

部品番号 LB11867FV-MPB-H
部品情報  Variable Speed Single-phase Full-wave Pre-driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11867FV-MPB-H データシート(HTML) 3 Page - ON Semiconductor

  LB11867FV-MPB-H Datasheet HTML 1Page - ON Semiconductor LB11867FV-MPB-H Datasheet HTML 2Page - ON Semiconductor LB11867FV-MPB-H Datasheet HTML 3Page - ON Semiconductor LB11867FV-MPB-H Datasheet HTML 4Page - ON Semiconductor LB11867FV-MPB-H Datasheet HTML 5Page - ON Semiconductor LB11867FV-MPB-H Datasheet HTML 6Page - ON Semiconductor LB11867FV-MPB-H Datasheet HTML 7Page - ON Semiconductor LB11867FV-MPB-H Datasheet HTML 8Page - ON Semiconductor LB11867FV-MPB-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LB11867FV
www.onsemi.com
3
Electrical Characteristics
at Ta
 25C, VCC = 12V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC1
During drive
5.5
7.5
9.5
mA
ICC2
During lock protection
5.5
7.5
9.5
mA
5VREG voltage
5VREG
I5VREG = 5mA
4.80
4.95
5.10
V
Current limiting voltage
VLIM
185
200
215
mV
CPWM pin “H” level voltage
VCPWMH
2.8
3.0
3.2
V
CPWM pin “L” level voltage
VCPWML
0.9
1.1
1.3
V
CPWM pin charge current
ICPWM1
VCPWM = 0.5V
24
30
36
A
CPWM pin discharge current
ICPWM2
VCPWM = 3.5V
21
27
33
A
CPWM Oscillation frequency
FPWM
C = 220PF
30
kHz
CT pin “H” level voltage
VCTH
2.8
3.0
3.2
V
CT pin “L” level voltage
VCTL
0.9
1.1
1.3
V
CT pin charge current
ICT1
VCT = 0.5V
1.6
2.0
2.5
μA
CT pin discharge current
ICT2
VCT = 3.5V
0.16
0.20
0.25
μA
CT pin charge/discharge ratio
RCT
ICT1/ICT2
8
10
12
times
S-S pin discharge current
IS-S
VS-S = 1V
0.4
0.5
0.6
A
OUTN output H-level voltage
VONH
IO = 10mA
VCC-0.85
VCC-1.00
V
OUTN output L-level voltage
VONL
IO = 10mA
0.9
1.00
V
OUTP output L-level voltage
VOPL
IO = 10mA
0.5
0.65
V
Hall input sensitivity
VHN
IN+, IN- differential voltage
(including offset and hysteresis)
10
20
mV
FG output L-level voltage
VFGL
IFG = 5mA
0.15
0.30
V
FG pin leakage current
IFGL
VFG = 19V
20
A
VTH/RMI pin bias current
IVTH/IRMI
CPWM = VTH/RMI = 2V
0.1
A
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


同様の部品番号 - LB11867FV-MPB-H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11867FV-MPB-H ONSEMI-LB11867FV-MPB-H Datasheet
263Kb / 12P
   Variable Speed Single?릔hase Full?릛ave Pre?릁river for Fan Motor
March, 2018 ??Rev. 2
More results

同様の説明 - LB11867FV-MPB-H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LB11867RV ONSEMI-LB11867RV Datasheet
202Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
June 2015 - Rev. 1
LB11868V ONSEMI-LB11868V Datasheet
195Kb / 11P
   Variable Speed Single-phase Full-wave Pre-driver
May, 2013
logo
Unisonic Technologies
F2867 UTC-F2867 Datasheet
196Kb / 6P
   VARIABLE SPEED SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV Datasheet
440Kb / 9P
   Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Sanyo Semicon Device
LB11967V SANYO-LB11967V Datasheet
158Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com