データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC709203FXE-04MH データシート(PDF) 9 Page - ON Semiconductor

部品番号 LC709203FXE-04MH
部品情報  Smart LiB Gauge Battery Fuel Gauge LSI
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC709203FXE-04MH データシート(HTML) 9 Page - ON Semiconductor

Back Button LC709203FXE-04MH Datasheet HTML 5Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 6Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 7Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 8Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 9Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 10Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 11Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 12Page - ON Semiconductor LC709203FXE-04MH Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LC709203F
www.onsemi.com
9
Wake up from Sleep mode
(Not to scale)
(Not to scale)
Figure 6. I2C Wake up Timing Diagram
To wake up from Sleep mode, and to start I2C communication, Host side must set SDA low prior to the I2C communication.
The Fuel Gauge LSI enables I2C communication after the TWU time period which is measured from the falling edge of
SDA, as above timing chart. This “Wake up condition” is invalid for the following two cases.
1) After TWR1 timing following the falling edge of SDA, the Fuel Gauge LSI “Wake up condition” goes into autonomous
disable. Once I2C communication is started, the operation doesn’t go into disable until the TWR2 timing has elapsed
after STOP condition (below case).
2) After TWR2 timing following I2C Bus STOP condition, the Fuel gauge LSI “Wake up condition” goes into
autonomous disable.
If the “Wake up condition” goes into disable, set SDA low to once again wake up from the Sleep mode prior to the I2C
communication. If Operational mode is set, it is possible to start I2C communication without this “Wake up operation”.
Notice for I
2C communication shared with another device
When the I2C Bus (on which the Fuel Gauge LSI is connected) is shared with another device the Fuel Gauge LSI must be in
its operation mode before the other Device starts I2C communication.
Enable I
2C communication
SCL
TWR2
SDA
STOP condition
Disable I
2C communication
Sleep mode
TSP
Enable I
2C
communication
SDA
TWU
TWR1
Disable I
2C
communication
Disable I
2C communication
Sleep mode


同様の部品番号 - LC709203FXE-04MH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC709203FXE-04MH ONSEMI-LC709203FXE-04MH Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
More results

同様の説明 - LC709203FXE-04MH

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
LC709205F ONSEMI-LC709205F Datasheet
1,016Kb / 24P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with IDD Report
September, 2019 ??Rev. 0
LC709204F ONSEMI-LC709204F Datasheet
1,005Kb / 22P
   Battery Fuel Gauge LSI [Smart LiB Gauge] for 1-Cell Lithium-ion/ Polymer (Li) with Low Power 2A Operation
September, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
   Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com