データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4933RL データシート(PDF) 2 Page - ON Semiconductor

部品番号 1N4933RL
部品情報  Axial?묹ead Fast?뭃ecovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4933RL データシート(HTML) 2 Page - ON Semiconductor

  1N4933RL Datasheet HTML 1Page - ON Semiconductor 1N4933RL Datasheet HTML 2Page - ON Semiconductor 1N4933RL Datasheet HTML 3Page - ON Semiconductor 1N4933RL Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N4933, 1N4934, 1N4935, 1N4936, 1N4937
http://onsemi.com
2
MAXIMUM RATINGS (Note 1)
Rating
Symbol
1N4933
1N4934
1N4935
1N4936
1N4937
Unit
†Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
†Non−Repetitive Peak Reverse Voltage
RMS Reverse Voltage
VRSM
VR(RMS)
75
35
150
70
250
140
450
280
650
420
V
†Average Rectified Forward Current
(Single phase, resistive load, TA = 75°C) (Note 2)
IO
1.0
A
†Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions)
IFSM
30
A
Operating Junction Temperature Range
Storage Temperature Range
TJ, Tstg
− 65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Ratings at 25
°C ambient temperature unless otherwise specified.
2. Derate by 20% for capacitive loads.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
(Typical Printed Circuit Board Mounting)
RqJA
65
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Instantaneous Forward Voltage
(IF = 3.14 Amp, TJ = 150°C)
vF
1.0
1.2
V
Forward Voltage
(IF = 1.0 Amp, TA = 25°C)
VF
1.05
1.2
V
†Reverse Current (Rated DC Voltage)
TA = 25°C
TA = 100°C
IR
1.0
50
5.0
100
mA
REVERSE RECOVERY CHARACTERISTICS
Reverse Recovery Time
(IF = 1.0 Amp to VR = 30 Vdc)
(IFM = 15 Amp, di/dt = 10 A/ms)
trr
150
175
200
300
ns
Reverse Recovery Current
(IF = 1.0 Amp to VR = 30 Vdc)
IRM(REC)
1.0
2.0
A
†Indicates JEDEC Registered Data for 1N4933 Series.
1
0.1
1
0.4
0.6
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
10
0.8
1.4
TC = 25°C
TC = 150°C
TC = 100°C
1.0E−08
0
100
200
300
400
500
VR, REVERSE VOLTAGE (V)
600
TC = 25°C
TC = 150°C
TC = 100°C
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−03
1.2
TC = 125°C
TC = 125°C


同様の部品番号 - 1N4933RL

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4933 GXELECTRONICS-1N4933 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Dc Components
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

同様の説明 - 1N4933RL

メーカー部品番号データシート部品情報
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Weitron Technology
UF4001 WEITRON-UF4001 Datasheet
740Kb / 3P
   Axial Lead Ultra Fast Rectifiers
logo
ON Semiconductor
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Formosa MS
MUR4100 FORMOSA-MUR4100 Datasheet
100Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
MUR460 FORMOSA-MUR460 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com