データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4933RLG データシート(PDF) 3 Page - ON Semiconductor

部品番号 1N4933RLG
部品情報  Axial?묹ead Fast?뭃ecovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4933RLG データシート(HTML) 3 Page - ON Semiconductor

  1N4933RLG Datasheet HTML 1Page - ON Semiconductor 1N4933RLG Datasheet HTML 2Page - ON Semiconductor 1N4933RLG Datasheet HTML 3Page - ON Semiconductor 1N4933RLG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4933, 1N4934, 1N4935, 1N4936, 1N4937
http://onsemi.com
3
Figure 3. Typical Capacitance
1
160
0
20
40
60
80
100
VR, REVERSE VOLTAGE (V)
10
120 140
180 200
TJ = 25°C
Figure 4. Current Derating
0
160
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (C)
1.8
120
140
qJA = 65°C/W
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
DC
ORDERING INFORMATION
Device
Package
Shipping
1N4933
Axial Lead*
1000 Units / Bag
1N4933G
Axial Lead*
1000 Units / Bag
1N4933RL
Axial Lead*
5000 / Tape & Reel
1N4933RLG
Axial Lead*
5000 / Tape & Reel
1N4934
Axial Lead*
1000 Units / Bag
1N4934G
Axial Lead*
1000 Units / Bag
1N4934RL
Axial Lead*
5000 / Tape & Reel
1N4934RLG
Axial Lead*
5000 / Tape & Reel
1N4935
Axial Lead*
1000 Units / Bag
1N4935G
Axial Lead*
1000 Units / Bag
1N4935RL
Axial Lead*
5000 / Tape & Reel
1N4935RLG
Axial Lead*
5000 / Tape & Reel
1N4936
Axial Lead*
1000 Units / Bag
1N4936G
Axial Lead*
1000 Units / Bag
1N4936RL
Axial Lead*
5000 / Tape & Reel
1N4936RLG
Axial Lead*
5000 / Tape & Reel
1N4937
Axial Lead*
1000 Units / Bag
1N4937G
Axial Lead*
1000 Units / Bag
1N4937RL
Axial Lead*
5000 / Tape & Reel
1N4937RLG
Axial Lead*
5000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


同様の部品番号 - 1N4933RLG

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4933 GXELECTRONICS-1N4933 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
DIOTEC Electronics Corp...
1N4933 DEC-1N4933 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
First Silicon Co., Ltd
1N4933 FS-1N4933 Datasheet
517Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Dc Components
1N4933 DCCOM-1N4933 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

同様の説明 - 1N4933RLG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Weitron Technology
UF4001 WEITRON-UF4001 Datasheet
740Kb / 3P
   Axial Lead Ultra Fast Rectifiers
logo
ON Semiconductor
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Formosa MS
MUR4100 FORMOSA-MUR4100 Datasheet
100Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
MUR460 FORMOSA-MUR460 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com