データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4937RLG データシート(PDF) 1 Page - ON Semiconductor

部品番号 1N4937RLG
部品情報  Axial?묹ead Fast?뭃ecovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4937RLG データシート(HTML) 1 Page - ON Semiconductor

  1N4937RLG Datasheet HTML 1Page - ON Semiconductor 1N4937RLG Datasheet HTML 2Page - ON Semiconductor 1N4937RLG Datasheet HTML 3Page - ON Semiconductor 1N4937RLG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 12
1
Publication Order Number:
1N4933/D
1N4933, 1N4934, 1N4935,
1N4936, 1N4937
1N4935 and 1N4937 are Preferred Devices
Axial−Lead Fast−Recovery
Rectifiers
Axial−lead, fast−recovery rectifiers are designed for special
applications such as DC power supplies, inverters, converters,
ultrasonic systems, choppers, low RF interference and free wheeling
diodes. A complete line of fast recovery rectifiers having typical
recovery time of 150 nanoseconds providing high efficiency at
frequencies to 250 kHz.
Features
Shipped in Plastic Bags; 1,000 per Bag
Available Tape and Reeled; 5,000 per Reel, by Adding a “RL” Suffix
to the Part Number
These are Pb−Free Devices*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 0.4 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Cathode Indicated by Polarity Band
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
FAST RECOVERY RECTIFIERS
1.0 AMPERE, 50−600 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
MARKING DIAGRAM
http://onsemi.com
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
A
=Assembly Location
1N493x =Device Number
x= 3, 4, 5, 6 or 7
YY
=Year
WW
=Work Week
G
=Pb−Free Package
A
1N493x
YYWW
G
G
(Note: Microdot may be in either location)
AXIAL LEAD
CASE 59
STYLE 1


同様の部品番号 - 1N4937RLG

メーカー部品番号データシート部品情報
logo
Motorola, Inc
1N4937 MOTOROLA-1N4937 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Kingtronics Internation...
1N4937 KINGTRONICS-1N4937 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
1N4937 PANJIT-1N4937 Datasheet
40Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
HY ELECTRONIC CORP.
1N4937 HY-1N4937 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Shanghai Lunsure Electr...
1N4937 CHENYI-1N4937 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIER
More results

同様の説明 - 1N4937RLG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Weitron Technology
UF4001 WEITRON-UF4001 Datasheet
740Kb / 3P
   Axial Lead Ultra Fast Rectifiers
logo
ON Semiconductor
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Formosa MS
MUR4100 FORMOSA-MUR4100 Datasheet
100Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
MUR460 FORMOSA-MUR460 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com