データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU-72-6 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 BU-72-6
部品情報  Insulator for BU??0 Series Alligator Clips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

BU-72-6 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-72-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
 
 
BU‐72‐@ 
(Insulator for BU‐70 Series Alligator Clips) 
 The BU‐72 is used to Insulate BU‐70 Series clips from foreign objects. 
 
 Material:  Flexible PVC 
 Dielectric Strength:  3KV at thinnest cross section. 
 Operating temperature: ‐20⁰F (‐30⁰C) to 160⁰F  (71⁰C) 
 
 Length = 1.8”(46mm),  Large ID = .4”(10mm), Wire end ID = .2”(5mm) 
 
 Color:  “@” in part number is color.  Available  colors are:     
‐0 Black,   ‐2 Red,   ‐4 Yellow,   ‐5 Green,   ‐6 Blue,   ‐9 White 
 
 RoHS Compliant 
     
 


同様の部品番号 - BU-72-6

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-72-6 ETC2-BU-72-6 Datasheet
1Mb / 1P
   Insulator for Alligator Clips
More results

同様の説明 - BU-72-6

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BU-36 ETC2-BU-36 Datasheet
149Kb / 1P
   Insulator for BU??4 Series Alligator Clips
BU-31 ETC2-BU-31 Datasheet
144Kb / 1P
   Insulator for BU??0BL AND BU??0TBO Series Alligator Clips
BU-72-0 ETC2-BU-72-0 Datasheet
1Mb / 1P
   Insulator for Alligator Clips
BU-49 ETC2-BU-49 Datasheet
147Kb / 1P
   Insulator for BU??8, BU??0, BU??1 and BU??5 Series Clips
logo
Extech Instruments Corp...
TL806 EXTECH-TL806_15 Datasheet
230Kb / 1P
   Alligator Clips
logo
List of Unclassifed Man...
BU-74 ETC2-BU-74 Datasheet
144Kb / 1P
   Insulator for BU??5 Series Clips
BU-90 ETC2-BU-90 Datasheet
147Kb / 1P
   Insulator for BU??7 Series Clips
BU-47 ETC2-BU-47 Datasheet
145Kb / 1P
   Insulator for BU??5 Series Clips
BU-87 ETC2-BU-87 Datasheet
151Kb / 1P
   Insulator for BU??5 Series Clips
BU-36-0 ETC2-BU-36-0 Datasheet
834Kb / 1P
   Insulator for BU-34 Clips
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com