データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMH6554LE データシート(PDF) 5 Page - Texas Instruments

部品番号 LMH6554LE
部品情報  2.8-GHz Ultra Linear Fully Differential Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6554LE データシート(HTML) 5 Page - Texas Instruments

  LMH6554LE Datasheet HTML 1Page - Texas Instruments LMH6554LE Datasheet HTML 2Page - Texas Instruments LMH6554LE Datasheet HTML 3Page - Texas Instruments LMH6554LE Datasheet HTML 4Page - Texas Instruments LMH6554LE Datasheet HTML 5Page - Texas Instruments LMH6554LE Datasheet HTML 6Page - Texas Instruments LMH6554LE Datasheet HTML 7Page - Texas Instruments LMH6554LE Datasheet HTML 8Page - Texas Instruments LMH6554LE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LMH6554
www.ti.com
SNOSB30P – OCTOBER 2008 – REVISED JANUARY 2015
7.5 Electrical Characteristics: +5 V
Unless otherwise specified, all limits are ensured for TA = +25°C, AV = +2, V
+ = +2.5 V, V− = −2.5 V, R
L = 200 Ω, VCM =
(V
++V-)/2, R
F = 200 Ω, for single-ended in, differential out.
(1)
PARAMETER
TEST CONDITIONS
MIN (2)
TYP (3)
MAX (2)
UNIT
AC PERFORMANCE (DIFFERENTIAL)
AV = 1, VOUT = 0.2 VPP
2800
SSBW
Small Signal
−3 dB Bandwidth (2)
AV = 2, VOUT = 0.2 VPP
2500
MHz
AV = 4, VOUT = 0.2 VPP
1600
AV = 1, VOUT = 2 VPP
1800
LSBW
Large Signal Bandwidth
AV = 2, VOUT = 2 VPP
1500
MHz
AV = 2, VOUT = 1.5 VPP
1900
0.1 dBBW
0.1 dB Bandwidth
AV = 2, VOUT = 0.2 VPP, RF = 250Ω
830
MHz
SR
Slew Rate
4V Step
6200
V/
μs
2V Step, 10–90%
290
tr/tf
Rise/Fall Time
ps
0.4V Step, 10–90%
150
Ts_0.1
0.1% Settling Time
2V Step, RL = 200Ω
4
ns
Overdrive Recovery Time
VIN = 2V, AV = 5 V/V
6
ns
DISTORTION AND NOISE RESPONSE
VOUT = 2 VPP, f = 20 MHz
-102
VOUT = 2 VPP, f = 75 MHz
-96
HD2
2nd Harmonic Distortion
VOUT = 2 VPP, f = 125 MHz
-87
dBc
VOUT = 2 VPP, f = 250 MHz
−79
VOUT = 1.5 VPP, f = 250 MHz
−81
VOUT = 2 VPP, f = 20 MHz
−110
VOUT = 2 VPP, f = 75 MHz
−97
HD3
3rd Harmonic Distortion
VOUT = 2 VPP, f = 125 MHz
−87
dBc
VOUT = 2 VPP, f = 250 MHz
−70
VOUT = 1.5 VPP, f = 250 MHz
−75
OIP3
Output 3rd-Order Intercept
f = 150 MHz, VOUT = 2VPP Composite
46.5
dBm
IMD3
Two-Tone Intermodulation
f = 150 MHz, VOUT = 2VPP Composite
−97
dBc
en
Input Voltage Noise Density
f = 10 MHz
0.9
nV/
√Hz
in+
Input Noise Current
f = 10 MHz
11
pA/
√Hz
in-
Input Noise Current
f = 10 MHz
11
pA/
√Hz
NF
Noise Figure (4)
50
Ω System, AV = 7.3, 100 MHz
7.7
dB
INPUT CHARACTERISTICS
IBI+ / IBI-
−75
−29
20
µA
TCIbi
Input Bias Current Temperature Drift
8
µA/°C
VCM = 0V, VID = 0V,
IBID
Input Bias Current (5)
−10
1
10
μA
IBOFFSET = (IB- - IB+)/2
Input Bias Current Diff Offset
TCIbo
0.006
µA/°C
Temperature Drift (3)
CMRR
Common Mode Rejection Ratio
DC, VCM = 0V, VID = 0V
83
dB
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. See Thermal Information for information on temperature de-rating of this device."
Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
For test schematic, refer to Figure 34.
(5)
IBI is referred to a differential output offset voltage by the following relationship: VOD(OFFSET) = IBI*2RF.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6554


同様の部品番号 - LMH6554LE

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6554LE NSC-LMH6554LE Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554LE/NOPB TI-LMH6554LE/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554LEE NSC-LMH6554LEE Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554LEE/NOPB TI-LMH6554LEE/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554LEENOPB NSC-LMH6554LEENOPB Datasheet
1Mb / 24P
   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
More results

同様の説明 - LMH6554LE

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Eutech Microelectronics...
EUA4996 EUTECH-EUA4996 Datasheet
900Kb / 12P
   2.8-W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
LMH6552 TI1-LMH6552_14 Datasheet
730Kb / 30P
[Old version datasheet]   1.5 GHz Fully Differential Amplifier
LMH6552 TI1-LMH6552 Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Tyco Electronics
MAAPSS0103 MACOM-MAAPSS0103 Datasheet
199Kb / 6P
   High Power Linear Amplifier 2.3 - 2.8 GHz
logo
Texas Instruments
LMH3401 TI1-LMH3401_16 Datasheet
2Mb / 50P
[Old version datasheet]   LMH3401 7-GHz, Ultra-Wideband, Fixed-Gain, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com