データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54ABT373W-QML データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54ABT373W-QML
部品情報  Octal Transparent Latch with TRI-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT373W-QML データシート(HTML) 4 Page - National Semiconductor (TI)

  54ABT373W-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT373W-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT373W-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT373W-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT373W-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT373W-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT373W-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT373W-QML Datasheet HTML 8Page - National Semiconductor (TI) 54ABT373W-QML Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AC Electrical Characteristics
Symbol
Parameter
54ABT
Units
T
A = −55˚C to +125˚C
V
CC = 4.5V to 5.5V
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
1.0
6.8
ns
t
PHL
D
n to On
1.0
7.0
t
PLH
Propagation Delay
1.0
7.7
ns
t
PHL
LE to O
n
1.5
7.7
t
PZH
Output Enable Time
1.0
6.7
ns
t
PZL
1.5
7.2
t
PHZ
Output Disable Time
1.7
8.0
ns
t
PLZ
1.0
7.0
AC Operating Requirements
Symbol
Parameter
54ABT
Units
T
A = −55˚C to +125˚C
V
CC = 4.5V to 5.5V
C
L = 50 pF
Min
Max
t
s(H)
Setup Time, HIGH
2.5
ns
t
s(L)
or LOW D
n to LE
2.5
t
h(H)
Hold Time, HIGH
2.5
ns
t
h(L)
or LOW D
n to LE
2.5
t
w(H)
Pulse Width,
3.3
ns
LE HIGH
Capacitance
Symbol
Parameter
Typ
Units
Conditions
(T
A = 25˚C)
C
IN
Input Capacitance
5
pF
V
CC = 0V
C
OUT (Note 5)
Output Capacitance
9
pF
V
CC = 5.0V
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
Dashed lines represent design characteristics; for specified guarantees, refer to AC Characteristics Tables.
t
PLH vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
Data to Output
DS100206-11
t
PHL vs Temperature (TA)
C
L = 50 pF, 1 Output Switching
Data to Output
DS100206-12
www.national.com
4


同様の部品番号 - 54ABT373W-QML

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCQB NSC-54ABT373CDCQB Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCX NSC-54ABT373CDCX Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDMQB NSC-54ABT373CDMQB Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDMX NSC-54ABT373CDMX Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
More results

同様の説明 - 54ABT373W-QML

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
[Old version datasheet]   54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com