データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC4-1TG2 データシート(PDF) 3 Page - Integrated Device Technology

部品番号 TC4-1TG2
部品情報  RF to IF Dual Downconverting Mixer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

TC4-1TG2 データシート(HTML) 3 Page - Integrated Device Technology

  TC4-1TG2 Datasheet HTML 1Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 2Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 3Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 4Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 5Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 6Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 7Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 8Page - Integrated Device Technology TC4-1TG2 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
RF to IF Dual Downconverting Mixer
400 – 1000 MHz F1102NBGI
IDT Zero-Distortion
TM Mixer
3
RevO, August 2012
DATASHEET
IDTF1102 SPECIFICATION (400 – 1000 MHZ MIXER W/HIGH OR LOW SIDE INJECTION)
Specifications apply at VCC = +5.0V, FRF = 850 MHz, FIF = 200 MHz, Hi-Side, PLO = 0 dBm, TC = +25°C, STBY = GND, LCMODE = VIH (STD
Mode), EVKit BOM = Standard Mode, Transformer Loss included (not de-embedded) unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For Standby, LCMODE
Pins
VIH
2
V
Logic Input Low
For Standby, LCMODE
Pins
VIL
0.8
V
Logic Current
For Standby Pin
IIH, IIL
-30
+30
µA
Logic Current
LCMODE Pin
IIH, IIL
-100
-20
µA
Supply Voltage(s)
All VCC pins
VCC
4.75 to
5.25
V
Operating
Temperature
Case Temperature
TCASE
-40 to
+100
degC
Supply Current
Total VCC , STD Mode
Total Both Channels
ISTD
330
370
1
mA
Supply Current
Total VCC , LC Mode
LCMODE = GND
EVkit BOM = LC Mode
Total Both Channels
ILC
235
260
mA
Supply Current
Standby Mode
STBY = VIH
Total Both Channels
STD Mode
ISTBY
22
30
mA
RF Freq Range
Operating Range
FRF
400
3
1000
MHz
IF Freq Range
Operating Range
FIF
50 to 300
MHz
LO Freq Range
Operating LO Range
FLO
500 to
1150
MHz
LO Power
Operating LO Range
PLO
-6 to +6
dBm
RF Input Impedance
Single Ended
Return Loss ~17 dB
ZRF
50
IF Output Impedance
Differential
Return Loss ~ 13 dB
ZIF
200
LO port Impedance
Single Ended
Return Loss ~15 dB
ZLO
50
Settling Time
• Pin = -13 dBm
• Gate STBY from V
IH to VIL
• Time for IF Signal to settle to
within 0.1 dB of final value
TSETT
0.175
µsec
Gain STD Mode
Conversion Gain
• F
RF = 698 MHz
• LC
MODE = VIH
• EVkit BOM = STD Mode
• F
IF = 150 MHz (Low Side Inj.)
GSTD
8.5
9.2
9.9
dB
Gain LC Mode
Conversion Gain
• F
RF = 915 MHz
• LC
MODE = GND
• EVkit BOM = LC Mode
• F
IF = 200 MHz (High Side Inj.)
GLC
7.8
8.5
9.2
dB


同様の部品番号 - TC4-1TG2

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
TC4-1TG2 IDT-TC4-1TG2 Datasheet
1Mb / 13P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Mini-Circuits
TC4-1TG2 MINI-TC4-1TG2 Datasheet
227Kb / 1P
   RF Transformer
More results

同様の説明 - TC4-1TG2

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com