データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF411ACN データシート(PDF) 2 Page - Texas Instruments

部品番号 LF411ACN
部品情報  Low Offset, Low Drift JFET Input Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LF411ACN データシート(HTML) 2 Page - Texas Instruments

  LF411ACN Datasheet HTML 1Page - Texas Instruments LF411ACN Datasheet HTML 2Page - Texas Instruments LF411ACN Datasheet HTML 3Page - Texas Instruments LF411ACN Datasheet HTML 4Page - Texas Instruments LF411ACN Datasheet HTML 5Page - Texas Instruments LF411ACN Datasheet HTML 6Page - Texas Instruments LF411ACN Datasheet HTML 7Page - Texas Instruments LF411ACN Datasheet HTML 8Page - Texas Instruments LF411ACN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LF411-N
SNOSBH6E – APRIL 1998 – REVISED OCTOBER 2014
www.ti.com
Table of Contents
7.2
Functional Block Diagram ....................................... 11
1
Features .................................................................. 1
7.3
Feature Description................................................. 11
2
Applications ........................................................... 1
7.4
Device Functional Modes........................................ 11
3
Description ............................................................. 1
8
Application and Implementation ........................ 13
4
Revision History..................................................... 2
8.1
Application Information............................................ 13
5
Pin Configuration and Functions ......................... 3
8.2
Typical Applications ............................................... 13
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 16
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 16
6.2
Handling Ratings....................................................... 4
10.1
Layout Guidelines ................................................. 16
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Example .................................................... 16
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 17
6.5
DC Electrical Characteristics ................................... 5
11.1
Trademarks ........................................................... 17
6.6
AC Electrical Characteristics..................................... 5
11.2
Electrostatic Discharge Caution ............................ 17
6.7
Typical Performance Characteristics ........................ 6
11.3
Glossary ................................................................ 17
6.8
Pulse Response (RL=2 kΩ, CL=10 pF) ................... 10
12
Mechanical, Packaging, and Orderable
7
Detailed Description ............................................ 11
Information ........................................................... 17
7.1
Overview ................................................................. 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2013) to Revision E
Page
Added Handling Ratings table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1
Changed Input Offset Voltage Drift Feature from Max to Typ. .............................................................................................. 1
Deleted the word "specified" in first sentence of Description paragraph................................................................................ 1
Deleted note. ......................................................................................................................................................................... 5
Deleted
ΔVOS/ΔT Max specification for LM411A. ................................................................................................................... 5
Deleted
ΔVOS/ΔT Max specification for LM411. ..................................................................................................................... 5
Changes from Revision C (March 2013) to Revision D
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 12
2
Submit Documentation Feedback
Copyright © 1998–2014, Texas Instruments Incorporated
Product Folder Links: LF411-N


同様の部品番号 - LF411ACN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LF411ACN NSC-LF411ACN Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411ACN TI1-LF411ACN Datasheet
551Kb / 15P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
More results

同様の説明 - LF411ACN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF411QML TI1-LF411QML Datasheet
699Kb / 20P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN Datasheet
874Kb / 16P
[Old version datasheet]   LF411JAN Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI-LF411-N Datasheet
874Kb / 16P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411QML-SP TI-LF411QML-SP_15 Datasheet
1Mb / 19P
[Old version datasheet]   LF411QML Low Offset, Low Drift JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
logo
Texas Instruments
LF411 TI1-LF411_11 Datasheet
551Kb / 15P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com