データシートサーチシステム |
|
LM124-N データシート(PDF) 1 Page - Texas Instruments |
|
LM124-N データシート(HTML) 1 Page - Texas Instruments |
1 / 34 page Product Folder Sample & Buy Technical Documents Tools & Software Support & Community LM124-N, LM224-N LM2902-N, LM324-N SNOSC16D – MARCH 2000 – REVISED JANUARY 2015 LMx24-N, LM2902-N Low-Power, Quad-Operational Amplifiers 1 Features 3 Description The LM124-N series consists of four independent, 1 • Internally Frequency Compensated for Unity Gain high-gain, internally frequency compensated • Large DC Voltage Gain 100 dB operational amplifiers designed to operate from a • Wide Bandwidth (Unity Gain) 1 MHz single power supply over a wide range of voltages. (Temperature Compensated) Operation from split-power supplies is also possible and the low-power supply current drain is • Wide Power Supply Range: independent of the magnitude of the power supply – Single Supply 3 V to 32 V voltage. – or Dual Supplies ±1.5 V to ±16 V Application areas include transducer amplifiers, DC • Very Low Supply Current Drain (700 μA) gain blocks and all the conventional op amp circuits —Essentially Independent of Supply Voltage which now can be more easily implemented in single • Low Input Biasing Current 45 nA power supply systems. For example, the LM124-N series can directly operate off of the standard 5-V (Temperature Compensated) power supply voltage which is used in digital systems • Low Input Offset Voltage 2 mV and easily provides the required interface electronics and Offset Current: 5 nA without requiring the additional ±15 V power supplies. • Input Common-Mode Voltage Range Includes Ground Device Information(1) • Differential Input Voltage Range Equal to the PART NUMBER PACKAGE BODY SIZE (NOM) Power Supply Voltage LM124-N CDIP (14) 19.56 mm × 6.67 mm • Large Output Voltage Swing 0 V to V+ − 1.5 V LM224-N CDIP (14) 19.56 mm × 6.67 mm • Advantages: PDIP (14) 19.177 mm × 6.35 mm – Eliminates Need for Dual Supplies LM324-N SOIC (14) 8.65 mm × 3.91 mm – Four Internally Compensated Op Amps in a TSSOP (14) 5.00 mm × 4.40 mm Single Package PDIP (14) 19.177 mm × 6.35 mm – Allows Direct Sensing Near GND and VOUT LM2902-N SOIC (14) 8.65 mm × 3.91 mm also Goes to GND TSSOP (14) 5.00 mm × 4.40 mm – Compatible With All Forms of Logic (1) For all available packages, see the orderable addendum at – Power Drain Suitable for Battery Operation the end of the datasheet. – In the Linear Mode the Input Common-Mode, Voltage Range Includes Ground and the Schematic Diagram Output Voltage – Can Swing to Ground, Even Though Operated from Only a Single Power Supply Voltage – Unity Gain Cross Frequency is Temperature Compensated – Input Bias Current is Also Temperature Compensated 2 Applications • Transducer Amplifiers • DC Gain Blocks • Conventional Op Amp Circuits 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
同様の部品番号 - LM124-N_16 |
|
同様の説明 - LM124-N_16 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |