データシートサーチシステム |
|
54ABT652J-QML データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
54ABT652J-QML データシート(HTML) 5 Page - National Semiconductor (TI) |
5 / 17 page Functional Description (Continued) Inputs Inputs/Outputs (Note 1) Operating Mode OEAB OEBA CPAB CPBA SAB SBA A 0 thru A7 B 0 thru B7 L H H or L H or L X X Input Input Isolation L H N N X X Store A and B Data X H N H or L X X Input Not Specified Store A, Hold B H H N N X X Input Output Store A in Both Registers L X H or L N X X Not Specified Input Hold A, Store B L L N N X X Output Input Store B in Both Registers L L X X X L Output Input Real-Time B Data to A Bus L L X H or L X H Store B Data to A Bus H H X X L X Input Output Real-Time A Data to B Bus H H H or L X H X Stored A Data to B Bus H L H or L H or L H H Output Output Stored A Data to B Bus and Stored B Data to A Bus H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial N = LOW to HIGH Clock Transition Note 1: The data output functions may be enabled or disabled by various signals at OEAB or OEBA inputs. Data input functions are always enabled, i.e., data at the bus pins will be stored on every LOW to HIGH transition on the clock inputs. 5 www.national.com |
同様の部品番号 - 54ABT652J-QML |
|
同様の説明 - 54ABT652J-QML |