データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV721M7X データシート(PDF) 9 Page - Texas Instruments

部品番号 LMV721M7X
部品情報  10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV721M7X データシート(HTML) 9 Page - Texas Instruments

Back Button LMV721M7X Datasheet HTML 5Page - Texas Instruments LMV721M7X Datasheet HTML 6Page - Texas Instruments LMV721M7X Datasheet HTML 7Page - Texas Instruments LMV721M7X Datasheet HTML 8Page - Texas Instruments LMV721M7X Datasheet HTML 9Page - Texas Instruments LMV721M7X Datasheet HTML 10Page - Texas Instruments LMV721M7X Datasheet HTML 11Page - Texas Instruments LMV721M7X Datasheet HTML 12Page - Texas Instruments LMV721M7X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LMV721-N, LMV722-N
www.ti.com
SNOS414I – AUGUST 1999 – REVISED AUGUST 2013
APPLICATION NOTES
BENEFITS OF THE LMV721-N/722 SIZE
The small footprints of the LMV721-N/722 packages save space on printed circuit boards, and enable the design
of smaller electronic products, such as cellular phones, pagers, or other portable systems. The low profile of the
LMV721-N/722 make them possible to use in PCMCIA type III cards.
Signal Integrity Signals can pick up noise between the signal source and the amplifier. By using a physically
smaller amplifier package, the LMV721-N/722 can be placed closer to the signal source, reducing noise
pickup and increasing signal integrity.
Simplified Board Layout These products help you to avoid using long pc traces in your pc board layout. This
means that no additional components, such as capacitors and resistors, are needed to filter out the
unwanted signals due to the interference between the long pc traces.
Low Supply Current These devices will help you to maximize battery life. They are ideal for battery powered
systems.
Low Supply Voltage TI provides ensured performance at 2.2V and 5V. These specifications ensure operation
throughout the battery lifetime.
Rail-to-Rail Output Rail-to-rail output swing provides maximum possible dynamic range at the output. This is
particularly important when operating on low supply voltages.
Input Includes Ground Allows direct sensing near GND in single supply operation.
Protection should be provided to prevent the input voltages from going negative more than
−0.3V (at 25°C). An
input clamp diode with a resistor to the IC input terminal can be used.
CAPACITIVE LOAD TOLERANCE
The LMV721-N/722 can directly drive 4700pF in unity-gain without oscillation. The unity-gain follower is the most
sensitive configuration to capacitive loading. Direct capacitive loading reduces the phase margin of amplifiers.
The combination of the amplifier's output impedance and the capacitive load induces phase lag. This results in
either an underdamped pulse response or oscillation. To drive a heavier capacitive load, circuit in Figure 23 can
be used.
Figure 23. Indirectly Driving A capacitive Load Using Resistive Isolation
In Figure 23, the isolation resistor RISO and the load capacitor CL form a pole to increase stability by adding more
phase margin to the overall system. the desired performance depends on the value of RISO. The bigger the RISO
resistor value, the more stable VOUT will be. Figure 24 is an output waveform of Figure 23 using 100kΩ for RISO
and 2000µF for CL.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV721-N LMV722-N


同様の部品番号 - LMV721M7X

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV721M7X NSC-LMV721M7X Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721M7X TI1-LMV721M7X Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721M7X TI-LMV721M7X Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
More results

同様の説明 - LMV721M7X

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV721 TI1-LMV721 Datasheet
966Kb / 18P
[Old version datasheet]   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
National Semiconductor ...
LMV721 NSC-LMV721 Datasheet
459Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
LMV721 NSC-LMV721_06 Datasheet
927Kb / 15P
   10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Texas Instruments
LMV721M5X TI-LMV721M5X Datasheet
1Mb / 25P
[Old version datasheet]   LMV721-N/LMV722 10MHz, Low Noise, Low Voltage, and Low Power Operational Amplifier
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Unisonic Technologies
LM833 UTC-LM833 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
LM833 UTC-LM833_15 Datasheet
149Kb / 5P
   DUAL OPERATIONAL AND LOW VOLTAGE NOISE AMPLIFIER
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz Low-Noise, Low-Voltage Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com