データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV981MF データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV981MF
部品情報  Dual 1.8V, RRIO Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV981MF データシート(HTML) 1 Page - Texas Instruments

  LMV981MF Datasheet HTML 1Page - Texas Instruments LMV981MF Datasheet HTML 2Page - Texas Instruments LMV981MF Datasheet HTML 3Page - Texas Instruments LMV981MF Datasheet HTML 4Page - Texas Instruments LMV981MF Datasheet HTML 5Page - Texas Instruments LMV981MF Datasheet HTML 6Page - Texas Instruments LMV981MF Datasheet HTML 7Page - Texas Instruments LMV981MF Datasheet HTML 8Page - Texas Instruments LMV981MF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LMV981-N, LMV982-N
www.ti.com
SNOS976L – NOVEMBER 2001 – REVISED MARCH 2013
LMV981-N Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
Check for Samples: LMV981-N, LMV982-N
1
FEATURES
DESCRIPTION
LMV981-N/LMV982 are low voltage, low power
2
(Typical 1.8V Supply Values; Unless Otherwise
operational amplifiers. LMV981-N/LMV982 operate
Noted)
from +1.8V to +5.0V supply voltages and have rail-to-
Ensured 1.8V, 2.7V and 5V Specifications
rail
input
and
output.
LMV981-N/LMV982
input
Output Swing
common mode voltage extends 200mV beyond the
supplies which enables user enhanced functionality
w/600
Ω load 80mV from Rail
beyond the supply voltage range. The output can
w/2k
Ω load 30mV from Rail
swing rail-to-rail unloaded and within 105mV from the
VCM 200mV Beyond Rails
rail with 600
Ω load at 1.8V supply. LMV981-
N/LMV982 are optimized to work at 1.8V which make
Supply Current (Per Channel) 100
μA
them ideal for portable two-cell battery powered
Gain Bandwidth Product 1.4MHz
systems and single cell Li-Ion systems.
Maximum VOS 4.0mV
LMV981-N/LMV982 offer a shutdown pin that can be
Gain w/600
Ω Load 101dB
used to disable the device and reduce the supply
Ultra Tiny Package DSBGA 1.0mm x 1.5mm
current. The device is in shutdown when the SHDN-
pin = low. The output will be high impedance in
Turn-On Time from Shutdown 19
μs
shutdown.
Temperature Range
−40°C to 125°C
LMV981-N/LMV982 exhibit excellent speed-power
ratio, achieving 1.4MHz gain bandwidth product at
APPLICATIONS
1.8V supply voltage with very low supply current.
Industrial and Automotive
LMV981-N/LMV982 are capable of driving a 600
Consumer Communication
load and up to 1000pF capacitive load with minimal
ringing. LMV981-N/LMV982 have a high DC gain of
Consumer Computing
101dB, making them suitable for low frequency
PDAs
applications.
Portable audio
LMV981-N is offered in space saving 6-Bump
Portable/Battery-Powered Electronic
DSBGA, SC70-6 and SOT-23-6 packages. The 6-
Equipment
Bump DSBGA package has only a 1.006mm x
1.514mm x 0.945mm footprint. LMV982 is offered in
Supply Current Monitoring
space saving VSSOP-10 package. These small
Battery Monitoring
packages are ideal solutions for area constrained PC
boards and portable electronics such as cellular
phones and PDAs.
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LMV981MF

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV981MF NSC-LMV981MF Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981MF TI1-LMV981MF Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
National Semiconductor ...
LMV981MF NSC-LMV981MF Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981MFNOPB NSC-LMV981MFNOPB Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981MFX NSC-LMV981MFX Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
More results

同様の説明 - LMV981MF

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com