データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV931Q1MGX データシート(PDF) 7 Page - Texas Instruments

部品番号 LMV931Q1MGX
部品情報  Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV931Q1MGX データシート(HTML) 7 Page - Texas Instruments

Back Button LMV931Q1MGX Datasheet HTML 3Page - Texas Instruments LMV931Q1MGX Datasheet HTML 4Page - Texas Instruments LMV931Q1MGX Datasheet HTML 5Page - Texas Instruments LMV931Q1MGX Datasheet HTML 6Page - Texas Instruments LMV931Q1MGX Datasheet HTML 7Page - Texas Instruments LMV931Q1MGX Datasheet HTML 8Page - Texas Instruments LMV931Q1MGX Datasheet HTML 9Page - Texas Instruments LMV931Q1MGX Datasheet HTML 10Page - Texas Instruments LMV931Q1MGX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LMV931-N, LMV931-N-Q1
LMV932-N, LMV932-N-Q1, LMV934-N, LMV934-N-Q1
www.ti.com
SNOS993O – NOVEMBER 2001 – REVISED DECEMBER 2014
6.8 DC Electrical Characteristics 2.7 V
Unless otherwise specified, all limits specified for TJ = 25°C. V
+ = 2.7 V, V = 0 V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
LMV931 (Single)
25°C
1
4
mV
Full Range
6
VOS
Input Offset Voltage
LMV932 (Dual)
25°C
1
5.5
mV
LMV934 (Quad)
Full Range
7.5
TCVOS
Input Offset Voltage Average
5.5
Full Range
μV/°C
Drift
IB
Input Bias Current
25°C
15
35
nA
Full Range
50
IOS
Input Offset Current
25°C
8
25
nA
Full Range
40
IS
Supply Current (per channel)
25°C
105
190
μA
Full Range
210
LMV931, 0
≤ VCM ≤ 1.5 V
25°C
60
81
dB
2.3 V
≤ VCM ≤ 2.7 V
(2)
Full Range
55
LMV932 and LMV934
25°C
55
80
CMRR
Common-Mode Rejection Ratio
0
≤ VCM ≤ 1.5 V
dB
Full Range
50
2.3 V
≤ VCM ≤ 2.7 V
(2)
−0.2 V ≤ VCM ≤ 0 V
50
74
25°C
dB
2.7 V
≤ VCM ≤ 2.9 V
1.8 V
≤ V+ ≤ 5 V
25°C
75
100
PSRR
Power Supply Rejection Ratio
dB
VCM = 0.5 V
Full Range
70
For CMRR Range
≥ 50 dB
25°C
V
− 0.2
−0.2
V+ + 0.2
Input Common-Mode Voltage
to
VCM
−40°C to 85°C
V
V+
V
Range
3.0
125°C
V+ 0.2
V+
− 0.2
RL = 600 Ω to 1.35 V,
25°C
87
104
dB
VO = 0.2 V to 2.5 V
Large Signal Voltage Gain
Full Range
86
LMV931-N (Single)
RL = 2 kΩ to 1.35 V,
25°C
92
110
LMV931-N-Q1 (Single)
dB
VO = 0.2 V to 2.5 V
Full Range
91
AV
RL = 600 Ω to 1.35 V,
25°C
78
90
Large Signal Voltage Gain
dB
VO = 0.2 V to 2.5 V
LMV932-N (Dual)
Full Range
75
LMV932-N-Q1 (Dual)
RL = 2 kΩ to 1.35 V,
25°C
81
100
LMV934-N (Quad)
dB
VO = 0.2 V to 2.5 V
LMV934-N-Q1 (Quad)
Full Range
78
RL = 600 Ω to 1.35 V
25°C
2.55
2.62
VIN = ±100 mV
0.083
0.110
V
Full Range
2.53
0.130
VO
Output Swing
RL = 2 kΩ to 1.35 V
25°C
2.65
2.675
VIN = ±100 mV
0.025
0.04
V
Full Range
2.64
0.045
RL = 600 Ω to 1.35 V
25°C
2.55
2.62
VIN = ±100 mV
0.083
0.110
V
Output Swing
Full Range
2.53
0.187
VO
LMV932-N-Q1 (Dual)
RL = 2 kΩ to 1.35 V
25°C
2.65
2.675
LMV934-N-Q1 (Quad)
VIN = ±100 mV
0.025
0.04
V
Full Range
2.64
0.059
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration.
(2)
For specified temperature ranges, see the CMVR parameter in DC Electrical Characteristics 1.8 V for the input common-mode voltage
specifications.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


同様の部品番号 - LMV931Q1MGX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV931Q1MGX/NOPB TI1-LMV931Q1MGX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
More results

同様の説明 - LMV931Q1MGX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com