データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL082CM データシート(PDF) 1 Page - Texas Instruments

部品番号 TL082CM
部品情報  Wide Bandwidth Dual JFET Input Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL082CM データシート(HTML) 1 Page - Texas Instruments

  TL082CM Datasheet HTML 1Page - Texas Instruments TL082CM Datasheet HTML 2Page - Texas Instruments TL082CM Datasheet HTML 3Page - Texas Instruments TL082CM Datasheet HTML 4Page - Texas Instruments TL082CM Datasheet HTML 5Page - Texas Instruments TL082CM Datasheet HTML 6Page - Texas Instruments TL082CM Datasheet HTML 7Page - Texas Instruments TL082CM Datasheet HTML 8Page - Texas Instruments TL082CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TL082-N
www.ti.com
SNOSBW5C – APRIL 1998 – REVISED APRIL 2013
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
Check for Samples: TL082-N
1
FEATURES
DESCRIPTION
These devices are low cost, high speed, dual JFET
23
Internally Trimmed Offset Voltage: 15 mV
input operational amplifiers with an internally trimmed
Low Input Bias Current: 50 pA
input offset voltage ( BI-FET II™ technology). They
Low Input Noise Voltage: 16nV/
√Hz
require low supply current yet maintain a large gain
bandwidth product and fast slew rate. In addition, well
Low Input Noise Current: 0.01 pA/
√Hz
matched high voltage JFET input devices provide
Wide Gain Bandwidth: 4 MHz
very low input bias and offset currents. The TL082 is
High Slew Rate: 13 V/
μs
pin compatible with the standard LM1558 allowing
designers
to
immediately
upgrade
the
overall
Low Supply Current: 3.6 mA
performance of existing LM1558 and most LM358
High Input Impedance: 1012
Ω
designs.
Low Total Harmonic Distortion:
≤0.02%
These amplifiers may be used in applications such as
Low 1/f Noise Corner: 50 Hz
high speed integrators, fast D/A converters, sample
Fast Settling Time to 0.01%: 2
μs
and hold circuits and many other circuits requiring low
input offset voltage, low input bias current, high input
impedance, high slew rate and wide bandwidth. The
devices also exhibit low noise and offset voltage drift.
Typical Connection
Connection Diagram
Figure 1. PDIP/SOIC Package (Top View)
See Package Number D0008A or P0008E
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BI-FET II is a trademark of dcl_owner.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TL082CM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
TL082CM NSC-TL082CM Datasheet
821Kb / 12P
   Wide Bandwidth Dual JFET Input Operational Amplifier
TL082CMX NSC-TL082CMX Datasheet
84Kb / 3P
   Engineering Project Manager
More results

同様の説明 - TL082CM

メーカー部品番号データシート部品情報
logo
Texas Instruments
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF353 NSC-LF353 Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
TL082 NSC-TL082 Datasheet
821Kb / 12P
   Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
[Old version datasheet]   TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
LF353 TI1-LF353 Datasheet
633Kb / 16P
[Old version datasheet]   LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
   LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
Texas Instruments
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
LF351 TI1-LF351 Datasheet
449Kb / 14P
[Old version datasheet]   LF351 Wide Bandwidth JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com