データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV934MA データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV934MA
部品情報  Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV934MA データシート(HTML) 3 Page - Texas Instruments

  LMV934MA Datasheet HTML 1Page - Texas Instruments LMV934MA Datasheet HTML 2Page - Texas Instruments LMV934MA Datasheet HTML 3Page - Texas Instruments LMV934MA Datasheet HTML 4Page - Texas Instruments LMV934MA Datasheet HTML 5Page - Texas Instruments LMV934MA Datasheet HTML 6Page - Texas Instruments LMV934MA Datasheet HTML 7Page - Texas Instruments LMV934MA Datasheet HTML 8Page - Texas Instruments LMV934MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
LMV931-N, LMV931-N-Q1
LMV932-N, LMV932-N-Q1, LMV934-N, LMV934-N-Q1
www.ti.com
SNOS993O – NOVEMBER 2001 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
DBV and DCK Package
DGK and D Package
5-Pin SC-70 and SOT-23
8-Pin VSSOP and SOIC
LMV931-N, LMV931-N-Q1 Top View
LMV932-N, LMV932-N-Q1 Top View
DGK and D Package
14-Pin TSSOP and SOIC
LMV934-N, LMV934-N-Q1 Top View
Pin Functions: LMV931
PIN
LMV931
I/O
DESCRIPTION
NAME
DBV, DCK NO.
+IN
1
I
Noninverting Input
-IN
3
I
Inverting Input
OUT
4
O
Output
V-
2
P
Negative Supply
V+
5
P
Positive Supply
Pin Functions: LMV932 and LMV934
PIN
LMV932
LMV934
I/O
DESCRIPTION
NAME
D, DGK NO.
D, PW NO.
+IN A
3
3
I
Noninverting input, channel A
+IN B
5
5
I
Noninverting input, channel B
+IN C
10
I
Noninverting input, channel C
+IN D
12
I
Noninverting input, channel D
–IN A
2
2
I
Inverting input, channel A
–IN B
6
6
I
Inverting input, channel B
–IN C
9
I
Inverting input, channel C
–IN D
13
I
Inverting input, channel D
OUT A
1
1
O
Output, channel A
OUT B
7
7
O
Output, channel B
OUT C
8
O
Output, channel C
OUT D
14
O
Output, channel D
V+
8
4
P
Positive (highest) power supply
V–
4
11
P
Negative (lowest) power supply
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


同様の部品番号 - LMV934MA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV934MA NSC-LMV934MA Datasheet
625Kb / 19P
   1.8V, RRIO Operational Amplifiers
logo
Texas Instruments
LMV934MA TI-LMV934MA Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV934MA TI1-LMV934MA Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV934MA/NOPB TI-LMV934MA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV934MA/NOPB TI1-LMV934MA/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
More results

同様の説明 - LMV934MA

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com