データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL082CJG データシート(PDF) 6 Page - Texas Instruments

部品番号 TL082CJG
部品情報  JFET-Input Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL082CJG データシート(HTML) 6 Page - Texas Instruments

Back Button TL082CJG Datasheet HTML 2Page - Texas Instruments TL082CJG Datasheet HTML 3Page - Texas Instruments TL082CJG Datasheet HTML 4Page - Texas Instruments TL082CJG Datasheet HTML 5Page - Texas Instruments TL082CJG Datasheet HTML 6Page - Texas Instruments TL082CJG Datasheet HTML 7Page - Texas Instruments TL082CJG Datasheet HTML 8Page - Texas Instruments TL082CJG Datasheet HTML 9Page - Texas Instruments TL082CJG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
TL081, TL081A, TL081B, TL082, TL082A
TL082B, TL084, TL084A, TL084B
SLOS081I – FEBRUARY 1977 – REVISED MAY 2015
www.ti.com
6.4 Thermal Information
TL08xx
D (SOIC)
N (PDIP)
NS (SO)
P (PDIP)
PS (SO)
PW (TSSOP)
THERMAL METRIC(1)
UNIT
8 PINS
14
14 PINS
14 PINS
{PIN
{PIN
8 PINS
14
PINS
COUNT}
COUNT}
PINS
PINS
PINS
Junction-to-ambient
RθJA
97
86
76
80
85
95
149
113
°C/W
thermal resistance(2)(3)
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA) / RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.5 Electrical Characteristics for TL08xC, TL08xxC, and TL08xI
VCC± = ±15 V (unless otherwise noted)
TL081C, TL082C,
TL081AC, TL082AC,
TL081BC, TL082BC,
TL081I, TL082I,
TEST
TL084C
TL084AC
TL084BC
TL084I
PARAMETER
TA
(1)
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
25°C
3
15
3
6
2
3
3
6
Input offset
VO = 0,
VIO
mV
Full
voltage
RS = 50 Ω
20
7.5
5
9
range
Temperature
coefficient of
VO = 0,
Full
αVIO
input
18
18
18
18
μV/°C
RS = 50 Ω
range
offset
voltage
25°C
5
200
5
100
5
100
5
100
pA
Input offset
IIO
VO = 0
Full
current(2)
2
2
2
10
nA
range
25°C
30
400
30
200
30
200
30
200
pA
Input bias
IIB
VO = 0
Full
current(2)
10
7
7
20
nA
range
Common-
–12
–12
–12
–12
mode
VICR
25°C
±11
to
±11
to
±11
to
±11
to
V
input voltage
15
15
15
15
range
Maximum
RL = 10 kΩ
25°C
±12
±13.5
±12
±13.5
±12
±13.5
±12
±13.5
peak
RL ≥ 10 kΩ
±12
±12
±12
±12
VOM
output
V
Full
voltage
range
RL ≥ 2 kΩ
±10
±12
±10
±12
±10
±12
±10
±12
swing
Large-signal
25°C
25
200
50
200
50
200
50
200
differential
VO = ±10 V,
AVD
V/mV
Full
voltage
RL ≥ 2 kΩ
15
15
25
25
range
amplification
Unity-gain
B1
25°C
3
3
3
3
MHz
bandwidth
Input
ri
25°C
1012
1012
1012
1012
resistance
Common-
VIC = VICRmin,
mode
CMRR
VO = 0,
25°C
70
86
75
86
75
86
75
86
dB
rejection
RS = 50 Ω
ratio
Supply-
VCC = ±15 V to
voltage
±9 V,
kSVR
rejection
25°C
70
86
80
86
80
86
80
86
dB
VO = 0,
ratio
RS = 50 Ω
(
ΔVCC±/ΔVIO)
(1)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range for
TA is 0°C to 70°C for TL08_C, TL08_AC, TL08_BC and –40°C to 85°C for TL08_I.
(2)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 13. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as
possible.
6
Submit Documentation Feedback
Copyright © 1977–2015, Texas Instruments Incorporated
Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B


同様の部品番号 - TL082CJG

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL082CJG TI-TL082CJG Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CJG TI-TL082CJG Datasheet
836Kb / 33P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CJG TI-TL082CJG Datasheet
1,000Kb / 37P
[Old version datasheet]   JEET-INPUT OPERTIONAL AMPLIFERS
TL082CJG TI-TL082CJG Datasheet
949Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL082CJG TI-TL082CJG Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - TL082CJG

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com