データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL064CPWE4 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL064CPWE4
部品情報  Low-Power JFET-Input Operational Amplifiers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CPWE4 データシート(HTML) 8 Page - Texas Instruments

Back Button TL064CPWE4 Datasheet HTML 4Page - Texas Instruments TL064CPWE4 Datasheet HTML 5Page - Texas Instruments TL064CPWE4 Datasheet HTML 6Page - Texas Instruments TL064CPWE4 Datasheet HTML 7Page - Texas Instruments TL064CPWE4 Datasheet HTML 8Page - Texas Instruments TL064CPWE4 Datasheet HTML 9Page - Texas Instruments TL064CPWE4 Datasheet HTML 10Page - Texas Instruments TL064CPWE4 Datasheet HTML 11Page - Texas Instruments TL064CPWE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
www.ti.com
Electrical Characteristics for TL06xM and TL064M (continued)
VCC± = ±15 V (unless otherwise noted)
TL061M, TL062M
TL064M
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
RL = 10 kΩ, TA = 25°C
±10
±13.5
±10
±13.5
Maximum peak output
VOM
V
voltage swing
RL ≥ 10 kΩ, TA = –55°C to 125°C
±10
±10
TA = 25°C
4
6
4
6
Large-signal differential
VO = ±10 V,
AVD
V/mV
TA = –55°C to
voltage amplification
RL ≥ 2 kΩ
4
4
125°C
B1
Unity-gain bandwidth
RL = 10 kΩ, TA = 25°C
MHz
ri
Input resistance
TA = 25°C
1012
1012
Common-mode
VIC = VICRmin,
CMRR
80
86
80
86
dB
rejection ratio
VO = 0, RS = 50 Ω, TA = 25°C
Supply-voltage
VCC = ±9 V to ±15 V,
kSVR
rejection ratio
80
95
80
95
dB
VO = 0, RS = 50 Ω, TA = 25°C
(
ΔVCC±/ΔVIO)
Total power dissipation
PD
VO = 0, No load, TA = 25°C
6
7.5
6
7.5
mW
(each amplifier)
Supply current
ICC
VO = 0, No load, TA = 25°C
200
250
200
250
µA
(each amplifier)
VO1/VO2
Crosstalk attenuation
AVD = 100, TA = 25°C
120
120
dB
6.10 Operating Characteristics
VCC± = ±15 V, TA= 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI = 10 V,
CL = 100 pF,
SR
Slew rate at unity gain(1)
1.5
3.5
V/
μs
RL = 10 kΩ,
see Figure 16
tr
Rise-time
0.2
μs
VI = 20 V,
CL = 100 pF,
RL = 10 kΩ,
see Figure 16
Overshoot factor
10%
Vn
Equivalent input noise voltage
RS = 20 Ω
f = 1 kHz
42
nV/
√Hz
(1)
Slew rate at –55°C to 125°C is 0.7 V/
μs min.
8
Submit Documentation Feedback
Copyright © 1978–2015, Texas Instruments Incorporated
Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B


同様の部品番号 - TL064CPWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL064CPWE4 TI-TL064CPWE4 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPWE4 TI-TL064CPWE4 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPWE4 TI-TL064CPWE4 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPWE4 TI-TL064CPWE4 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
More results

同様の説明 - TL064CPWE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com