データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FCBN425QB1C50 データシート(PDF) 7 Page - Finisar Corporation.

部品番号 FCBN425QB1C50
部品情報  PRELIMINARY Product Specification 100G Quadwire QSFP28 Active Optical Cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FINISAR [Finisar Corporation.]
ホームページ  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBN425QB1C50 データシート(HTML) 7 Page - Finisar Corporation.

  FCBN425QB1C50 Datasheet HTML 1Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 2Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 3Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 4Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 5Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 6Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 7Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 8Page - Finisar Corporation. FCBN425QB1C50 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FCBN425QB1Cxx PRELIMINARY Product Specification – September 2015
 Finisar Corporation – 8-Sep-15 Rev A7 Preliminary
Page 7
VI.
Environmental Specifications
Finisar Quadwire EDR active optical cables have an operating temperature range from 0°C
to +70°C case temperature.
Environmental Specifications
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-10
70
°C
VII.
Regulatory Compliance
Finisar Quadwire EDR active optical cables are RoHS-6 Compliant. Copies of certificates
to be available at Finisar Corporation upon request.
Quadwire EDR active optical cables are Class 1 laser eye safety compliant per IEC 60825-
1.
Standard fiber cable type is round-section construction, plenum-rated. Other cable types can
be supported upon request.
VIII. Mechanical Specifications
The Quadwire EDR mechanical specifications are compliant with the QSFP28 transceiver
module specifications (as defined in SFF-8661), substituting the MPO12 receptacle with a
fiber optics cable connecting both ends.
Figure 2 – Quadwire EDR mechanical drawing (Preliminary)


同様の部品番号 - FCBN425QB1C50

メーカー部品番号データシート部品情報
logo
Finisar Corporation.
FCBN425QB1C50 FINISAR-FCBN425QB1C50 Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
More results

同様の説明 - FCBN425QB1C50

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
Finisar Corporation.
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
   100G Quadwire짰 QSFP28 Active Optical Cable
FCBN425QB1CXX FINISAR-FCBN425QB1CXX Datasheet
474Kb / 7P
   100G Quadwire짰 EDR QSFP28 Active Optical Cable
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
AOC-QSFP28-100G-20M-C ATGBICS-AOC-QSFP28-100G-20M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-20M Dell Compatible Active Optical Cable 100G QSFP28 (20m)
AOC-QSFP28-100G-10M-C ATGBICS-AOC-QSFP28-100G-10M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-10M Dell Compatible Active Optical Cable 100G QSFP28 (10m)
AOC-QSFP28-100G-1M-C ATGBICS-AOC-QSFP28-100G-1M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-1M Dell Compatible Active Optical Cable 100G QSFP28 (1m)
AOC-QSFP28-100G-3M-C ATGBICS-AOC-QSFP28-100G-3M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-3M Dell Compatible Active Optical Cable 100G QSFP28 (3m)
AOC-QSFP28-100G-5M-C ATGBICS-AOC-QSFP28-100G-5M-C Datasheet
637Kb / 10P
   AOC-QSFP28-100G-5M Dell Compatible Active Optical Cable 100G QSFP28 (5m)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com