データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JX014 データシート(PDF) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

部品番号 JX014
部品情報  Sensitive gate SCRs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
ホームページ  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JX014 データシート(HTML) 1 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JX014 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JX014 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd JX014 Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd JX014 Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIEJIE MICROELECTRONICS CO. , Ltd
TEL:+86-513-83639777
- 1 / 4-
http://www.jjwdz.com
JX014 Series Sensitive gate SCRs
Rev.3.0
DESCRIPTION:
The JX014 SCR series provide high dv/dt rate
with strong resistance to electromagnetic
interface. They are especially recommended for
use on residual current circuit breaker, straight
hair, igniter etc.
MAIN FEATURES
Symbol
Value
Unit
IT(RMS)
1.25
A
IGT
≤200
μA
VDRM /VRRM
900
V
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Storage junction temperature range
Tstg
-40-150
Operating junction temperature range
Tj
-40-110
Repetitive peak off-state voltage
VDRM
900
V
Repetitive peak reverse voltage
VRRM
900
V
RMS on-state current
TO-92CR (TC=50℃)
IT(RMS)
1.25
A
SOT-223 (TC=75℃)
Non repetitive surge peak on-state current
(tp=10ms)
ITSM
20
A
I
2t value for fusing (tp=10ms)
I
2t
2
A
2s
Critical rate of rise of on-state current
dI/dt
50
A
/μs
Peak gate current (tp=20
μs, Tj=110℃)
IGM
0.2
A
Peak gate power (tp=20
μs, Tj=110℃)
PGM
0.5
W
Average gate power dissipation(Tj=110℃)
PG(AV)
0.1
W
TO-92CR
A(2)
K(1)
G(3)
SOT-223
2
1
3
32
1


同様の部品番号 - JX014

メーカー部品番号データシート部品情報
logo
JIEJIE MICROELECTRONICS...
JX010 JIEJIE-JX010 Datasheet
248Kb / 1P
   SCR Chip
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
JX011U JIEJIE-JX011U Datasheet
314Kb / 4P
   Sensitive gate SCRs
More results

同様の説明 - JX014

メーカー部品番号データシート部品情報
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
1PT06E-T NELLSEMI-1PT06E-T Datasheet
189Kb / 4P
   Sensitive gate SCRs, 1A
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com