データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10CWMX データシート(PDF) 4 Page - Texas Instruments

部品番号 LM10CWMX
部品情報  Operational Amplifier and Voltage Reference
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10CWMX データシート(HTML) 4 Page - Texas Instruments

  LM10CWMX Datasheet HTML 1Page - Texas Instruments LM10CWMX Datasheet HTML 2Page - Texas Instruments LM10CWMX Datasheet HTML 3Page - Texas Instruments LM10CWMX Datasheet HTML 4Page - Texas Instruments LM10CWMX Datasheet HTML 5Page - Texas Instruments LM10CWMX Datasheet HTML 6Page - Texas Instruments LM10CWMX Datasheet HTML 7Page - Texas Instruments LM10CWMX Datasheet HTML 8Page - Texas Instruments LM10CWMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LM10
SNOSBH4E – MAY 1998 – REVISED OCTOBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2) (3)
MIN
MAX
UNIT
LM10/LM10B/LM10C
45
V
Total supply voltage
LM10BL/LM10CL
7
V
LM10/LM10B/LM10C
±40
V
Differential input voltage(4)
LM10BL/LM10CL
±7
V
Power dissipation(5)
Internally limited
Output short-circuit duration(6)
Continuous
TO
Soldering (10 seconds)
300
°C
Soldering (10 seconds)
260
°C
Lead temperature
DIP
Vapor phase (60 seconds)
215
°C
Infrared (15 seconds)
220
°C
LM10
150
°C
Maximum junction
LM10B
100
°C
temperature
LM10C
85
°C
Storage temperature, Tstg
−55
150
°C
(1)
Refer to RETS10X for LM10H military specifications.
(2)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The Input voltage can exceed the supply voltages provided that the voltage from the input to any other terminal does not exceed the
maximum differential input voltage and excess dissipation is accounted for when VIN < V
.
(5)
The maximum, operating-junction temperature is 150°C for the LM10, 100°C for the LM10B(L) and 85°C for the LM10C(L). At elevated
temperatures, devices must be derated based on package thermal resistance.
(6)
Internal thermal limiting prevents excessive heating that could result in sudden failure, but the IC can be subjected to accelerated stress
with a shorted output and worst-case conditions.
6.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply input voltage range (V–) – (V+)
1.2
40
V
VCM
Common-mode voltage
(V–)
(V+) – 0.85
V
VREF
Reference voltage
0.2
V
IREF
Reference current
0
1
mA
6.3 Thermal Information
LM10
THERMAL METRIC(1)
NEV (SDIP)
NPA (SOIC)
P (PDIP)
UNIT
8 PINS
14 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
150
90
87
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1998–2015, Texas Instruments Incorporated
Product Folder Links: LM10


同様の部品番号 - LM10CWMX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10CWMX TI-LM10CWMX Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10CWMXNOPB NSC-LM10CWMXNOPB Datasheet
2Mb / 34P
   LM10 Operational Amplifier and Voltage Reference
More results

同様の説明 - LM10CWMX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
[Old version datasheet]   Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
   Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
[Old version datasheet]   Operational Amplifier and Voltage Reference
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
[Old version datasheet]   LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
   Triple Operational Amplifier and Voltage Reference
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com