データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-1737 データシート(PDF) 2 Page - Amphenol Corporation

部品番号 A-1737
部品情報  Motor Coil Temperature Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

A-1737 データシート(HTML) 2 Page - Amphenol Corporation

  A-1737 Datasheet HTML 1Page - Amphenol Corporation A-1737 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
R @ 25°C
30,000 ohms ±5%
R @ 210°C
155.45 ohms ±11.5%
B (25/85)
3974
Operating Temperature Range
-40°C to 210°C
Storage Temperature Range
-40°C to 225°C
Temperature Accuracy
1.53°C at –40°C
1.25°C at 25°C
6.23°C at 210°C
Response time
7 seconds liquid to liquid
Housing Material
Axial leaded glass NTC thermistor
Terminal
Molex Terminal 33011-3001
NTC Part Number
AL03006-17.53-98-G2
Weight
2 grams
Ordering Code
A-1737
Resistance vs. Temperature Data
Resistance = 30000 Ohms at 25 °C Rtol. @ 25°C 5.0%
Temp.
(°C)
Rnominal
(ohms)
Res.
Tol. ±%
Rmin.
(Ohms)
Rmax.
(Ohms)
-40.00
965,530
10.0
869,073
1,061,986
0
96,248
6.5
89,982
102,504
20
37,386
5.3
35,409
39,365
25
30,000
5.0
28,500
31,500
50
10,851
6.4
10,154
11,548
175
310.05
10.7
276.,93
343.16
210
155.40
11.5
137.60
173.30
AAS-920-540B-12/2015
www.amphenol-sensors.com
©2015AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors


同様の部品番号 - A-1737

メーカー部品番号データシート部品情報
logo
Gaomi Xinghe Electronic...
A-1 GXELECTRONICS-A-1 Datasheet
382Kb / 2P
   Glass passivated device
logo
Fujitsu Component Limit...
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-1.5W-K LITEON-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
List of Unclassifed Man...
A-1001E ETC1-A-1001E Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-1001E PARALIGHT-A-1001E Datasheet
196Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
More results

同様の説明 - A-1737

メーカー部品番号データシート部品情報
logo
Spectrum Microwave, Inc...
D5003MC22P0 SPECTRUM-D5003MC22P0 Datasheet
317Kb / 1P
   Sens-A-Coil Temperature Sensor
logo
Allegro MicroSystems
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
logo
STMicroelectronics
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
   VOICE COIL MOTOR DRIVER
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
Coilcraft lnc.
AT549RBT COILCRAFT-AT549RBT Datasheet
316Kb / 1P
   Extreme Temperature Coil
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com