データシートサーチシステム |
|
TLV2460QPWRQ1 データシート(PDF) 6 Page - Texas Instruments |
|
TLV2460QPWRQ1 データシート(HTML) 6 Page - Texas Instruments |
6 / 46 page TLV2460-Q1, TLV2460A-Q1, TLV2461-Q1, TLV2461A-Q1 TLV2462-Q1, TLV2462A-Q1, TLV2463-Q1, TLV2463A-Q1, TLV2464A-Q1 SGLS008F – MARCH 2003 – REVISED DECEMBER 2015 www.ti.com 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT VDD Supply voltage(2) 6 V VID Differential input voltage range –0.2 V VDD + 0.2 V V II Input current (any input) –200 200 mA IO Output current –175 175 mA II Total input current (into VDD+) 175 mA IO Total output current (out of GND) 175 mA TA Operating free-air temperature range –40 125 °C TJ Maximum junction temperature 150 °C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C Storage temperature, Tstg –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to GND. 7.2 ESD Ratings VALUE UNIT Human-body model (HBM), per AEC Q100-002(1) ±2000 V(ESD) Electrostatic discharge V Charged-device model (CDM), per AEC Q100-011 ±1000 (1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification. 7.3 Recommended Operating Conditions MIN NOM MAX UNIT Single supply 2.7 6 VDD Supply voltage V Split supply ±1.35 ±3 VICR Common-mode input voltage range –0.2 VDD + 0.2 V TA Operating free-air temperature –40 125 °C VIH 2 Shutdown on/off voltage level(1) V VIL 0.7 (1) Relative to voltage on the GND terminal of the device 6 Submit Documentation Feedback Copyright © 2003–2015, Texas Instruments Incorporated Product Folder Links: TLV2460-Q1 TLV2460A-Q1 TLV2461-Q1 TLV2461A-Q1 TLV2462-Q1 TLV2462A-Q1 TLV2463- Q1 TLV2463A-Q1 TLV2464A-Q1 |
同様の部品番号 - TLV2460QPWRQ1 |
|
同様の説明 - TLV2460QPWRQ1 |