データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2461QPWRG4Q1 データシート(PDF) 8 Page - Texas Instruments

部品番号 TLV2461QPWRG4Q1
部品情報  Low-Power Rail-to-Rail Input/Output Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2461QPWRG4Q1 データシート(HTML) 8 Page - Texas Instruments

Back Button TLV2461QPWRG4Q1 Datasheet HTML 4Page - Texas Instruments TLV2461QPWRG4Q1 Datasheet HTML 5Page - Texas Instruments TLV2461QPWRG4Q1 Datasheet HTML 6Page - Texas Instruments TLV2461QPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLV2461QPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLV2461QPWRG4Q1 Datasheet HTML 9Page - Texas Instruments TLV2461QPWRG4Q1 Datasheet HTML 10Page - Texas Instruments TLV2461QPWRG4Q1 Datasheet HTML 11Page - Texas Instruments TLV2461QPWRG4Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
TLV2460-Q1, TLV2460A-Q1, TLV2461-Q1, TLV2461A-Q1
TLV2462-Q1, TLV2462A-Q1, TLV2463-Q1, TLV2463A-Q1, TLV2464A-Q1
SGLS008F – MARCH 2003 – REVISED DECEMBER 2015
www.ti.com
7.6 Electrical Characteristics - VDD = 3 V
at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
100
2000
VDD = 3 V,
TLV246x-Q1
Full range
2200
VIC = 1.5 V,
VIO
Input offset voltage
μV
VO = 1.5 V,
25°C
150
1500
TLV246xA-Q1
RS = 50 Ω
Full range
1700
Temperature coefficient of
VDD = 3 V, VIC = 1.5 V,
αVIO
2
μV/°C
input offset voltage
VO = 1.5 V, RS = 50 Ω
25°C
2.8
7
VDD = 3 V, VIC = 1.5 V,
IIO
Input offset current
pA
VO = 1.5 V, RS = 50 Ω
Full range
75
25°C
4.4
14
IIB
Input bias current
VIC = 1.5 V, VO = 1.5 V, RS = 50 Ω
pA
Full range
75
25°C
2.9
IO = –2.5 mA
Full range
2.8
VOH
High-level output voltage
V
25°C
2.7
IO = –10 mA
Full range
2.5
25°C
0.1
VIC = 1.5 V, IOL = 2.5 mA
Full range
0.2
VOL
Low-level output voltage
V
25°C
0.3
VIC = 1.5 V, IOL = 10 mA
Full range
0.5
25°C
50
Sourcing
Full range
20
IOS
Short circuit output current
mA
25°C
40
Sinking
Full range
20
IO
Output current
Measured 1 V from rail
25°C
±40
mA
25°C
90
105
Large-signal differential
AVD
RL = 10 kΩ
dB
voltage amplification
Full range
89
ri(d)
Differential input resistance
25°C
109
Common-mode input
ci(o)
f = 10 kHz
25°C
7
pF
capacitance
Closed-loop output
zo
f = 100 kHz, AV = 10
25°C
33
impedance
25°C
66
80
Common-mode rejection
CMRR
VICR = 0 V to 3 V, RS = 50 Ω
dB
ratio
Full range
60
25°C
80
85
VDD = 2.7 V to 6 V, VIC = VDD/2, No load
Full range
75
Supply-voltage rejection
kSVR
dB
ratio (
ΔVDD±/ΔVIO)
25°C
85
95
VDD = 3 V to 5 V, VIC = VDD/2, No load
Full range
80
25°C
0.5
0.575
Supply current
IDD
VO = 1.5 V, No load
mA
(per channel)
Full range
0.9
Supply current in shutdown
25°C
0.3
IDD(SHDN)
(TLV2460-Q1,
SHDN < 0.7 V, Per channel in shutdown
μA
Full range
2.5
TLV2463-Q1)
(1)
Full range is –40°C to 125°C.
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TLV2460-Q1 TLV2460A-Q1 TLV2461-Q1 TLV2461A-Q1 TLV2462-Q1 TLV2462A-Q1 TLV2463-
Q1 TLV2463A-Q1 TLV2464A-Q1


同様の部品番号 - TLV2461QPWRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2461QPWRG4Q1 TI1-TLV2461QPWRG4Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

同様の説明 - TLV2461QPWRG4Q1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com