データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2463AQPWRG4Q1 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV2463AQPWRG4Q1
部品情報  Low-Power Rail-to-Rail Input/Output Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2463AQPWRG4Q1 データシート(HTML) 6 Page - Texas Instruments

Back Button TLV2463AQPWRG4Q1 Datasheet HTML 2Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 3Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 4Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 5Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 6Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 7Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 8Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 9Page - Texas Instruments TLV2463AQPWRG4Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
TLV2460-Q1, TLV2460A-Q1, TLV2461-Q1, TLV2461A-Q1
TLV2462-Q1, TLV2462A-Q1, TLV2463-Q1, TLV2463A-Q1, TLV2464A-Q1
SGLS008F – MARCH 2003 – REVISED DECEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage(2)
6
V
VID
Differential input voltage range
–0.2 V
VDD + 0.2 V
V
II
Input current (any input)
–200
200
mA
IO
Output current
–175
175
mA
II
Total input current (into VDD+)
175
mA
IO
Total output current (out of GND)
175
mA
TA
Operating free-air temperature range
–40
125
°C
TJ
Maximum junction temperature
150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Single supply
2.7
6
VDD
Supply voltage
V
Split supply
±1.35
±3
VICR
Common-mode input voltage range
–0.2
VDD + 0.2
V
TA
Operating free-air temperature
–40
125
°C
VIH
2
Shutdown on/off voltage level(1)
V
VIL
0.7
(1)
Relative to voltage on the GND terminal of the device
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TLV2460-Q1 TLV2460A-Q1 TLV2461-Q1 TLV2461A-Q1 TLV2462-Q1 TLV2462A-Q1 TLV2463-
Q1 TLV2463A-Q1 TLV2464A-Q1


同様の部品番号 - TLV2463AQPWRG4Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2463AQPWRG4Q1 TI1-TLV2463AQPWRG4Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

同様の説明 - TLV2463AQPWRG4Q1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com