データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K5640 データシート(PDF) 1 Page - KODENSHI_AUK CORP.

部品番号 K5640
部品情報  Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KODENSHI [KODENSHI_AUK CORP.]
ホームページ  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

K5640 データシート(HTML) 1 Page - KODENSHI_AUK CORP.

  K5640 Datasheet HTML 1Page - KODENSHI_AUK CORP. K5640 Datasheet HTML 2Page - KODENSHI_AUK CORP. K5640 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photocoupler
FEATURES
• Collector-Emitter Voltage : Min.35V
• Electrical Isolation Voltage : AC5000Vrms
• Without Base Connection : K5640
• With Base Connection : K5641
• UL Recognized File No. E107486
APPLICATIONS
• Interface between two circuits of different potential
• Automatic Vending Machine
• Power Supply Regulators
MAXIMUM RATINGS
(Ta=25℃ )
** Except for K5640
*1. Input current with 100ms pulse width, 1% duty cycle
*2. Measured at RH=40~60% for 1min
*3. 1/16 inch form case for 10sec
mW
Unit
Input
Forward Current
IF
±60
mA
A
Junction Temperature
TJ
Parameter
Total Power Dissipation
Peak Forward Current
*1
IFP
± 1
Ptot
200
Output
Collector-Emitter Breakdown Voltage
BVCEO
35
125
Emitter-Collector Breakdown Voltage
BVECO
6
Collector-Base Breakdown Voltage**
BVCBO
35
Collector Current
IC
50
mA
150
mW
V
V
V
Input to Output Isolation Voltage
*2
Viso
AC5000
Vrms
-30~+100
Storage Temperature
Tstg
-55~+125
Collector Power Dissipation
PC
Lead Soldering Temperature
*3
Tsol
Operating Temperature
Topr
260
mW
K5640 • K5641
These Photocouplers cosist of two Gallium Arsenide Infrared Emitting
Diodes and a Silicon NPN PhotoDarlington transistor in a 6-pin
package.
• Current Transfer Ratio : Typ.500% (at IF=A1mA, VCE=2V)
Power Dissipation
PD
150
Rating
• Telephone Line Receiver
Symbol
DIMENSION
(Unit : mm)
1/3
3
2
1
6
5
4
4
5
6
1
2
3
PIN NO. AND INTERNAL
CONNECTION DIAGRAM
K5640
K5641


同様の部品番号 - K5640

メーカー部品番号データシート部品情報
logo
Shenzhen Yixinwei Techn...
K56 YIXIN-K56 Datasheet
192Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
K560J15C0GF5.H5 VISHAY-K560J15C0GF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K560J15C0GF5.L2 VISHAY-K560J15C0GF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K560J15C0GF5TH5 VISHAY-K560J15C0GF5TH5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K560J15C0GK5.H5 VISHAY-K560J15C0GK5.H5 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
More results

同様の説明 - K5640

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KPC514 KODENSHI-KPC514 Datasheet
83Kb / 3P
   Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
KPC614 KODENSHI-KPC614 Datasheet
103Kb / 3P
   Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
K3640 KODENSHI-K3640 Datasheet
110Kb / 3P
   Photocoupler(These Photocouplers cosist of two Gallium Arsenide Infrared Emitting)
K4N29 KODENSHI-K4N29 Datasheet
237Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K3620 KODENSHI-K3620 Datasheet
110Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K5620 KODENSHI-K5620 Datasheet
120Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18K1 KODENSHI-PC-18K1 Datasheet
80Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18T1 KODENSHI-PC-18T1 Datasheet
188Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC3020 KODENSHI-KPC3020 Datasheet
123Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N25G KODENSHI-K4N25G Datasheet
187Kb / 3P
   Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com