データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM119H データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM119H
部品情報  High Speed Dual Comparator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM119H データシート(HTML) 4 Page - Texas Instruments

  LM119H Datasheet HTML 1Page - Texas Instruments LM119H Datasheet HTML 2Page - Texas Instruments LM119H Datasheet HTML 3Page - Texas Instruments LM119H Datasheet HTML 4Page - Texas Instruments LM119H Datasheet HTML 5Page - Texas Instruments LM119H Datasheet HTML 6Page - Texas Instruments LM119H Datasheet HTML 7Page - Texas Instruments LM119H Datasheet HTML 8Page - Texas Instruments LM119H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
LM119, LM219, LM319
SNOSBJ2B – AUGUST 2000 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LM119 LM219 LM319
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Refer to RETS119X for LM119H/883 and LM119J/883 specifications.
(4)
For supply voltages less than ±15 V the absolute maximum input voltage is equal to the supply voltage.
(5)
The maximum junction temperature of the LM119 is 150°C, while that of the LM219 is 110°C. For operating at elevated temperatures,
devices in the H10 package must be derated based on a thermal resistance of 160°C/W, junction to ambient, or 19°C/W, junction to
case. The thermal resistance of the J14 and N14 packages is 100°C/W, junction to ambient.
(6)
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Total supply voltage
36
V
Output to negative supply voltage
36
V
Ground to negative supply voltage
25
V
Ground to positive supply voltage
18
V
Differential input voltage
–5
+5
V
Input voltage(4)
–15
+15
V
Power dissipation(5)
500
mW
Output short circuit duration
10
sec
Lead temperature (soldering, 10 sec.)
260
°C
Soldering information(6)
Dual-In-Line Package Soldering (10 seconds)
260
°C
Small Outline Package Vapor Phase (60
seconds)
215
Small Outline Package Infrared (15 seconds)
220
Operating temperature
LM119
–55
125
°C
LM219
–25
85
LM319A, LM319
0
70
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±800
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.3 Thermal Information
THERMAL METRIC(1)
LM119, LM219, LM319
UNIT
TO-100
(LME)
PDIP
(NFF)
CDIP
(J)
10 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
160
100
100
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
19
NA
NA
°C/W


同様の部品番号 - LM119H

メーカー部品番号データシート部品情報
logo
Linear Technology
LM119H LINER-LM119H Datasheet
240Kb / 8P
   Dual Comparator
logo
National Semiconductor ...
LM119H NSC-LM119H Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Linear Technology
LM119H LINER-LM119H Datasheet
195Kb / 12P
   Dual Comparator
logo
National Semiconductor ...
LM119H-QMLV NSC-LM119H-QMLV Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM119H-QMLV TI1-LM119H-QMLV Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results

同様の説明 - LM119H

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
8601401CA TI-8601401CA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com