データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2066B データシート(PDF) 1 Page - STMicroelectronics

部品番号 ULN2066B
部品情報  50 V - 1.5 A quad Darlington switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2066B データシート(HTML) 1 Page - STMicroelectronics

  ULN2066B Datasheet HTML 1Page - STMicroelectronics ULN2066B Datasheet HTML 2Page - STMicroelectronics ULN2066B Datasheet HTML 3Page - STMicroelectronics ULN2066B Datasheet HTML 4Page - STMicroelectronics ULN2066B Datasheet HTML 5Page - STMicroelectronics ULN2066B Datasheet HTML 6Page - STMicroelectronics ULN2066B Datasheet HTML 7Page - STMicroelectronics ULN2066B Datasheet HTML 8Page - STMicroelectronics ULN2066B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2009
Rev 2
1/14
14
ULN2064B, ULN2066B
ULN2068B, ULN2074B
50 V - 1.5 A quad Darlington switches
Features
Output current to 1.5 A for each Darlington
Minimum breakdown 50 V
Sustaining voltage at least 35 V
Integral suppression diodes (ULN2064B,
ULN2066B and ULN2068B
Isolated Darlington pinout (ULN2074B)
Versions compatible with all popular logic
families
Description
Designed to interface logic to a wide variety of
high current, high voltage loads, these devices
each contain four NPN Darlington switches
delivering up to 1.5 A with a specified minimum
breakdown of 50 V and a sustaining voltage of 35
V measured at 100 mA. The ULN2064B,
ULN2066B and ULN2068B contain integral
suppression diodes for inductive loads have
common emitters. The ULN2074B feature
isolated Darlington pinouts and is intended for
applications such as emitter follower
configurations. Inputs of the ULN2064B,
ULN2068B and ULN2074B are compatible with
popular 5 V logic families and the ULN2066B are
compatible with 6 - 15 V CMOS and PMOS. Type
ULN2068B includes a pre-driver stage to reduce
loading on the control logic.
PowerDIP-16
Table 1.
Device summary
Part numbers
Package
ULN2064B
PowerDIP-16
ULN2066B
PowerDIP-16
ULN2068B
PowerDIP-16
ULN2074B
PowerDIP-16
www.st.com


同様の部品番号 - ULN2066B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ULN2066B STMICROELECTRONICS-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
ULN2066B STMICROELECTRONICS-ULN2066B Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
More results

同様の説明 - ULN2066B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
Allegro MicroSystems
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
   1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
   QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com