データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC6B273 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC6B273
部品情報  Eight Power DMOS-Transistor Outputs of 150-mA Continuous Current
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6B273 データシート(HTML) 4 Page - Texas Instruments

  TPIC6B273 Datasheet HTML 1Page - Texas Instruments TPIC6B273 Datasheet HTML 2Page - Texas Instruments TPIC6B273 Datasheet HTML 3Page - Texas Instruments TPIC6B273 Datasheet HTML 4Page - Texas Instruments TPIC6B273 Datasheet HTML 5Page - Texas Instruments TPIC6B273 Datasheet HTML 6Page - Texas Instruments TPIC6B273 Datasheet HTML 7Page - Texas Instruments TPIC6B273 Datasheet HTML 8Page - Texas Instruments TPIC6B273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPIC6B273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS031 – APRIL 1994 – REVISED JULY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Logic supply voltage, VCC
4.5
5.5
V
High-level input voltage, VIH
0.85 VCC
V
Low-level input voltage, VIL
0.15 VCC
V
Pulsed drain output current, TC = 25°C, VCC = 5 V (see Notes 3 and 5)
– 500
500
mA
Setup time, D high before CLK
↑, tsu (see Figure 2)
20
ns
Hold time, D high after CLK
↑, th (see Figure 2)
20
ns
Pulse duration, tw (see Figure 2)
40
ns
Operating case temperature, TC
–40
125
°C
electrical characteristics, VCC = 5 V, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source breakdown
voltage
ID = 1 mA
50
V
VSD
Source-to-drain diode forward
voltage
IF = 100 mA
0.85
1
V
IIH
High-level input current
VCC = 5.5 V,
VI = VCC
1
µA
IIL
Low-level input current
VCC = 5.5 V,
VI = 0
–1
µA
ICC
Logic supply current
VCC =5 5V
All outputs off
20
100
µA
ICC
Logic supply current
VCC = 5.5 V
All outputs on
150
300
µA
IN
Nominal current
VDS(on) = 0.5 V, IN = ID,TC = 85°C,
See Notes 5, 6, and 7
90
mA
IDSX
Off state drain current
VDS = 40 V,
VCC = 5.5 V
0.1
5
µA
IDSX
Off-state drain current
VDS = 40 V,
VCC = 5.5 V,
TC = 125°C
0.15
8
µA
ID = 100 mA,
VCC = 4.5 V
4.2
5.7
rDS(on)
Static drain-to-source on-state
resistance
ID = 100 mA,
TC = 125°C
VCC = 4.5 V,
See Notes 5 and 6
and Figures 6 and 7
6.8
9.5
ID = 350 mA,
VCC = 4.5 V
5.5
8
switching characteristics, VCC = 5 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from CLK
150
ns
tPHL
Propagation delay time, high-to-low-level output from CLK
CL = 30 pF,
ID = 100 mA,
90
ns
tr
Rise time, drain output
L
,
D
,
See Figures 1, 2, and 8
200
ns
tf
Fall time, drain output
200
ns
ta
Reverse-recovery-current rise time
IF = 100 mA,
di/dt = 20 A/
µs,
100
ns
trr
Reverse-recovery time
F
µ
See Notes 5 and 6 and Figure 3
300
ns
NOTES:
3. Pulse duration
≤ 100 µs and duty cycle ≤ 2%.
5. Technique should limit TJ – TC to 10°C maximum.
6. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
7. Nominal current is defined for a consistent comparison between devices from different sources. It is the current that produces a
voltage drop of 0.5 V at TC = 85°C.


同様の部品番号 - TPIC6B273

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPIC6B273 TI-TPIC6B273 Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273DW TI-TPIC6B273DW Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273N TI-TPIC6B273N Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results

同様の説明 - TPIC6B273

メーカー部品番号データシート部品情報
logo
SL Power Electronics
GPM55 SLPOWER-GPM55 Datasheet
91Kb / 2P
   55 Watts Maximum Continuous Power - Total of all Outputs.
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
Infineon Technologies A...
TLE94108ES INFINEON-TLE94108ES Datasheet
1Mb / 76P
   Eight half bridge power outputs
Data Sheet 1.0 2020-09-29
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
List of Unclassifed Man...
SM6525 ETC1-SM6525 Datasheet
27Kb / 1P
   25 mA - 150 mA Forward Current 70 ns Recovery Time
logo
Texas Instruments
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
ON Semiconductor
NCP4684EMX33TCG ONSEMI-NCP4684EMX33TCG Datasheet
336Kb / 18P
   150 mA, Ultra Low Quiescent Current, Low
February, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com