データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

25493 データシート(PDF) 2 Page - Alpha Wire

部品番号 25493
部品情報  2/Cond Cabled Together
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHAWIRE [Alpha Wire]
ホームページ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25493 データシート(HTML) 2 Page - Alpha Wire

  25493 Datasheet HTML 1Page - Alpha Wire 25493 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: 25493
Issue:
13
Page 2 of 2 Pages
Issue Date:
12/20/2012
Effective Date:
1/4/2013
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
3)
Ground Capacitance
45 pf/ft @1 kHz, Nominal
4)
Characteristic Impedance
76
Ω
5)
Inductance
0.19 µH/ft, Nominal
6)
Conductor DCR
26
Ω/1000ft @20°C, Nominal
7)
OA Shield DCR
15.9
Ω/1000ft @20°C, Nominal
F.
Other
1)
Packaging
Flange x Traverse x Barrel (inches)
a)
Bulk(Made-to-order)


同様の部品番号 - 25493

メーカー部品番号データシート部品情報
logo
Alpha Wire
25493 ALPHAWIRE-25493 Datasheet
93Kb / 4P
   Customer Specification
1/10/2023
logo
ERNI Electronics
254931 ERNI-254931 Datasheet
512Kb / 1P
   FEDERLEISTE C 96
logo
Alpha Wire
25493 ALPHAWIRE-25493_V01 Datasheet
93Kb / 4P
   Customer Specification
1/10/2023
More results

同様の説明 - 25493

メーカー部品番号データシート部品情報
logo
Alpha Wire
25483 ALPHAWIRE-25483 Datasheet
44Kb / 2P
   2/Cond Cabled Together
25492 ALPHAWIRE-25492 Datasheet
44Kb / 2P
   2/Cond Cabled Together
25271 ALPHAWIRE-25271 Datasheet
43Kb / 2P
   2 COND Cabled
25491 ALPHAWIRE-25491 Datasheet
43Kb / 2P
   2 COND Cabled
25481 ALPHAWIRE-25481 Datasheet
43Kb / 2P
   2 COND Cabled
25452 ALPHAWIRE-25452 Datasheet
44Kb / 2P
   2 Components Cabled
45192 ALPHAWIRE-45192 Datasheet
65Kb / 2P
   2 Components Cabled
80014 ALPHAWIRE-80014 Datasheet
42Kb / 2P
   2 Components Cabled
80041 ALPHAWIRE-80041 Datasheet
42Kb / 2P
   2 Components Cabled
25272 ALPHAWIRE-25272 Datasheet
44Kb / 2P
   2 Components Cabled
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com