データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZX85C8V2 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BZX85C8V2
部品情報  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX85C8V2 データシート(HTML) 1 Page - Fairchild Semiconductor

  BZX85C8V2 Datasheet HTML 1Page - Fairchild Semiconductor BZX85C8V2 Datasheet HTML 2Page - Fairchild Semiconductor BZX85C8V2 Datasheet HTML 3Page - Fairchild Semiconductor BZX85C8V2 Datasheet HTML 4Page - Fairchild Semiconductor BZX85C8V2 Datasheet HTML 5Page - Fairchild Semiconductor BZX85C8V2 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BZX85C3V3 - BZX85C56 Rev. 1.1.0
1
September 2013
BZX85C3V3 - BZX85C56
Zener Diodes
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Units
PD
Power Dissipation @ TA = 25°C1.0
W
Power Dissipation @ TL = 25°C at 4 mm distance from the glass
package
1.3
Derate above 50
°C6.67
mW/
°C
TJ, TSTG
Operating and Storage Temperature Range
-65 to +200
°C
Tolerance = 5%
DO-41 Glass Case
COLOR BAND DENOTES CATHODE


同様の部品番号 - BZX85C8V2

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BZX85C8V2 VISHAY-BZX85C8V2 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C8V2 RECTRON-BZX85C8V2 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Continental Device Indi...
BZX85C8V2 CDIL-BZX85C8V2 Datasheet
108Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C8V2 FAIRCHILD-BZX85C8V2 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C8V2 TSC-BZX85C8V2 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

同様の説明 - BZX85C8V2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com