データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM385BD-1-2 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM385BD-1-2
部品情報  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM385BD-1-2 データシート(HTML) 11 Page - Texas Instruments

Back Button LM385BD-1-2 Datasheet HTML 7Page - Texas Instruments LM385BD-1-2 Datasheet HTML 8Page - Texas Instruments LM385BD-1-2 Datasheet HTML 9Page - Texas Instruments LM385BD-1-2 Datasheet HTML 10Page - Texas Instruments LM385BD-1-2 Datasheet HTML 11Page - Texas Instruments LM385BD-1-2 Datasheet HTML 12Page - Texas Instruments LM385BD-1-2 Datasheet HTML 13Page - Texas Instruments LM385BD-1-2 Datasheet HTML 14Page - Texas Instruments LM385BD-1-2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CATHODE
1
NC
2
NC
3
4
8
7
NC
6
ANODE
5
NC
Rsup
Vsup
CL
GND
NC
NC
GND
LM285-1.2, LM385-1.2, LM385B-1.2
www.ti.com
SLVS075J – APRIL 1989 – REVISED JANUARY 2015
10 Power Supply Recommendations
In order to not exceed the maximum cathode current, be sure that the supply voltage is current limited.
For applications shunting high currents (30 mA max), pay attention to the cathode and anode trace lengths,
adjusting the width of the traces to have the proper current density.
11 Layout
11.1 Layout Guidelines
Figure 12 shows an example of a PCB layout of LMx85x-1.2. Some key Vref niose considerations are:
Connect a low-ESR, 0.1-
μF (CL) ceramic bypass capacitor on the cathode pin node.
Decouple other active devices in the system per the device specifications.
Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup.
Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring.
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible and only make perpendicular crossings when absolutely necessary.
11.2 Layout Example
Figure 12. Layout Diagram
Copyright © 1989–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM285-1.2 LM385-1.2 LM385B-1.2


同様の部品番号 - LM385BD-1-2

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM385BD-1-2 TI-LM385BD-1-2 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385BD-1-2 TI1-LM385BD-1-2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

同様の説明 - LM385BD-1-2

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com