データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV431 データシート(PDF) 5 Page - Texas Instruments

部品番号 LMV431
部品情報  Adjustable Precision Shunt Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV431 データシート(HTML) 5 Page - Texas Instruments

  LMV431_14 Datasheet HTML 1Page - Texas Instruments LMV431_14 Datasheet HTML 2Page - Texas Instruments LMV431_14 Datasheet HTML 3Page - Texas Instruments LMV431_14 Datasheet HTML 4Page - Texas Instruments LMV431_14 Datasheet HTML 5Page - Texas Instruments LMV431_14 Datasheet HTML 6Page - Texas Instruments LMV431_14 Datasheet HTML 7Page - Texas Instruments LMV431_14 Datasheet HTML 8Page - Texas Instruments LMV431_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Z
Z
Z
Z
V
R1
r
r
1
I
R2
'
ª
º
§
·
#

¨
¸
«
»
'
©
¹
¬
¼
Z
Z
Z
V
r
I



6
REF
6.0 mV
10
1240 mV
V
39 ppm / C
125 C
§
·
¨
¸
©
¹
v

q
q
6
6
Max
Min
DEV
REF
REF
REF
2
1
2
1
V
V
V
10
10
V
(at 25 C)
V
(at 25 C)
ppm
V
C
T
T
T
T
§
·
§
·

r
r
¨
¸
¨
¸
q
q
©
¹
©
¹
v
q


REF
Z
V
V


LMV431, LMV431A, LMV431B
www.ti.com
SNVS041G – MAY 2004 – REVISED SEPTEMBER 2014
7.5 LMV431C Electrical Characteristics
TA = 25°C unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
1.222
1.24
1.258
VZ = VREF, IZ = 10 mA
VREF
Reference Voltage
V
(See Figure 32 )
TA = Full Range
1.21
1.27
Deviation of Reference Input Voltage
VZ = VREF, IZ = 10 mA,
VDEV
4
12
mV
Over Temperature(1)
TA = Full Range (See Figure 32)
Ratio of the Change in Reference
IZ = 10 mA (see Figure 33 )
Voltage to the Change in Cathode
VZ from VREF to 6 V
−1.5
−2.7
mV/V
Voltage
R1 = 10 kΩ, R2 = ∞ and 2.6 kΩ
R1 = 10 kΩ, R2 = ∞
IREF
Reference Input Current
0.15
0.5
μA
II = 10 mA (see Figure 33)
Deviation of Reference Input Current
R1 = 10 kΩ, R2 = ∞,
∝IREF
0.05
0.3
μA
over Temperature
II = 10 mA, TA = Full Range (see Figure 33)
Minimum Cathode Current for
IZ(MIN)
VZ = VREF(see Figure 32)
55
80
µA
Regulation
IZ(OFF)
Off-State Current
VZ= 6 V, VREF = 0 V (see Figure 34 )
0.001
0.1
μA
VZ = VREF, IZ = 0.1 mA to 15 mA
rZ
Dynamic Output Impedance(2)
0.25
0.4
Ω
Frequency = 0 Hz (see Figure 32)
(1)
Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full temperature
range. See the following:
The average temperature coefficient of the reference input voltage,
∝VREF, is defined as:
Where: T2 − T1 = full temperature change. ∝VREF can be positive or negative depending on whether the slope is positive or negative.
Example: VDEV = 6 mV, VREF = 1240 mV, T2 − T1 = 125°C.
(2)
The dynamic output impedance, rZ, is defined as:
When the device is programmed with two external resistors, R1 and R2, (see Figure 33 ), the dynamic output impedance of the overall
circuit, rZ, is defined as:
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV431 LMV431A LMV431B


同様の部品番号 - LMV431_14

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV431A NSC-LMV431A Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431ACM5 NSC-LMV431ACM5 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431ACM5 NSC-LMV431ACM5 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
logo
Texas Instruments
LMV431ACM5 TI1-LMV431ACM5 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431ACM5/NOPB TI1-LMV431ACM5/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
More results

同様の説明 - LMV431_14

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com