データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3241 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FAN3241
部品情報  Smart Dual-Coil Relay Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3241 データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN3241 Datasheet HTML 2Page - Fairchild Semiconductor FAN3241 Datasheet HTML 3Page - Fairchild Semiconductor FAN3241 Datasheet HTML 4Page - Fairchild Semiconductor FAN3241 Datasheet HTML 5Page - Fairchild Semiconductor FAN3241 Datasheet HTML 6Page - Fairchild Semiconductor FAN3241 Datasheet HTML 7Page - Fairchild Semiconductor FAN3241 Datasheet HTML 8Page - Fairchild Semiconductor FAN3241 Datasheet HTML 9Page - Fairchild Semiconductor FAN3241 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3240 • Rev. 1.0.2
6
Electrical Characteristics
Unless otherwise noted, VS = 40 V, C5VB = 0.22 µF, and TJ = -40°C to +105°C. Currents are defined as positive into
the device and negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply (VS)
ISTDBY
Standby Current
INx = 0 V, EN = 0 V
350
550
µA
ISUPPLY
Operating Current
IN1 or IN2 = 5 V, EN = 5 V
400
600
µA
VON
Turn-On Voltage
IN1 = IN2 = EN = 5 V
6.9
7.9
8.9
V
VOFF
Turn-Off Voltage
IN1 = IN2 = EN = 5 V
5.7
6.7
7.7
V
VHYS
Turn-On Hysteresis
0.5
1.2
V
Inputs (IN1, IN2)
(9)
VINL
INx Logic Low Threshold
0.8
1.1
V
VINH
INx Logic High Threshold
1.6
2.0
V
VIN_HYS
INx Logic Input Hysteresis
0.5
V
IIN
Input Current
INx = 5 V
55
80
µA
tQUAL
Valid Input Qualification Time
(11)
FAN3240
13.5
15.0
16.5
ms
FAN3241
0.9
1.0
1.1
ms
ENABLE (EN)
VENL
Enable Logic Low Threshold
EN from 5 V to 0 V
1.25
1.30
1.35
V
VENH
Enable Logic High Threshold
EN from 0 V to 5 V
1.35
1.40
1.45
V
VHYS_T
Enable Logic Input Hysteresis
0.1
V
tDEL
EN to Output Propagation Delay
(11)
EN from 5 V to 0 V,
Logic Signal
5
9
µs
Internal Regulator (5VB)
V5VB
5VB Output Voltage
TA = 25°C
4.9
5.0
5.1
V
Total Variation Over Line (1 0V
to 60 V), Load (0 mA to 5 mA),
and Temperature
(10)
4.8
5.2
V
Line Regulation, 10 V to 60 V
-1%
1%
Load Regulation, 0 mA to 5 mA
-2%
2%
IOUT
Output Current
5.0
mA
Protection
TSD
Thermal Shutdown Threshold
(10)
150
°C
TSDHYS
Thermal Shutdown Threshold
Hysteresis
(10)
25
°C
Continued on the following page…


同様の部品番号 - FAN3241

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN3241TMX FAIRCHILD-FAN3241TMX Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
ON Semiconductor
FAN3241TMX ONSEMI-FAN3241TMX Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
More results

同様の説明 - FAN3241

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
Texas Instruments
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
logo
Toshiba Semiconductor
SSM6N357R TOSHIBA-SSM6N357R Datasheet
457Kb / 9P
   Relay Drivers
logo
Fairchild Semiconductor
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
logo
Tyco Electronics
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com