データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN48632 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN48632
部品情報  2.5 MHz, 2.0 A Pulsed-Load Synchronous TinyBoost
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48632 データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN48632 Datasheet HTML 1Page - Fairchild Semiconductor FAN48632 Datasheet HTML 2Page - Fairchild Semiconductor FAN48632 Datasheet HTML 3Page - Fairchild Semiconductor FAN48632 Datasheet HTML 4Page - Fairchild Semiconductor FAN48632 Datasheet HTML 5Page - Fairchild Semiconductor FAN48632 Datasheet HTML 6Page - Fairchild Semiconductor FAN48632 Datasheet HTML 7Page - Fairchild Semiconductor FAN48632 Datasheet HTML 8Page - Fairchild Semiconductor FAN48632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48632
• Rev. 1.0.3
5
Electrical Specifications
Recommended operating conditions, unless otherwise noted, circuit per Figure 1, VIN = 2.35 V to VOUT, TA = -40˚C to 85˚C.
Typical values are given VIN = 3.0 V and TA = 25˚C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IQ
VIN Quiescent Current
Bypass Mode VOUT=3.5 V, VIN=4.2 V
140
190
A
Boost Mode VOUT=3.5 V, VIN=2.5 V
150
250
A
Shutdown: EN=0, VIN=3.0 V
1.5
5.0
A
Forced Bypass Mode,
VIN=3.5 V
Low IQ
4
10
A
ILK
VOUT to VIN Reverse Leakage
VOUT=5 V, EN=0
0.2
1.0
A
ILK_OUT
VOUT Leakage Current
VOUT=0, EN=0, VIN=4.2 V
0.1
1.0
A
VUVLO
Under-Voltage Lockout
VIN Rising
2.20
2.35
V
VUVLO_HYS
Under-Voltage Lockout Hysteresis
200
mV
VPG(OL)
PG Low
IPG=5 mA
0.4
V
IPG_LK
PG Leakage Current
VPG=5 V
1
µA
VIH
Logic Level High EN, VSEL, BYP
1.2
V
VIL
Logic Level Low EN, VSEL, BYP
0.4
V
RLOW
Logic Control Pin Pull Downs
(LOW Active)
BYP, VSEL, EN
300
k
IPD
Weak Current Source Pull-Down
BYP, VSEL, EN
100
nA
VREG
Output Voltage Accuracy
Target VOUT relative to GND, DC,
VOUT-VIN > 100 mV
–2
4
%
VTRSP
Load Transient Response
500
– 1250 mA, VIN=3.0 V
±4
%
tON
On-Time
VIN=3.0 V, VOUT=3.5 V, Load >1 A
80
ns
fSW
Switching Frequency
VIN=3.0 V, VOUT=3.5 V, Load=1 A
2.0
2.5
3.0
MHz
IV_LIM
Boost Valley Current Limit
VIN=2.6 V
3.3
3.7
4.1
A
IV_LIM_SS
Boost Valley Current Limit During
SS
VIN=2.6 V
1.8
A
ISS_PK
Soft-Start Input Current Limit
LIN1
Fast
900
mA
LIN2
Fast
1800
mA
tSS
Soft-Start EN HIGH to Regulation
Fast, 50
 Load
600
s
VOVP
Output Over-Voltage Protection
Threshold
6.0
6.3
V
VOVP_HYS
Output Over-Voltage Protection
Hysteresis
300
mV
RDS(ON)N
N-Channel Boost Switch RDS(ON)
VIN=3.5 V
85
120
m
Ω
RDS(ON)P
P-Channel Sync Rectifier RDS(ON)
VIN=3.5 V
65
85
m
Ω
RDS(ONBYP
P-Channel Bypass Switch RDS(ON)
VIN=3.5 V
65
85
m
Ω
T120A
T120 Activation Threshold
120
°C
T120R
T120 Release Threshold
100
°C
T150T
T150 Threshold
150
°C
T150H
T150 Hysteresis
20
°C
tRST
FAULT Restart Timer
20
ms


同様の部品番号 - FAN48632

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN48632BUC33X ONSEMI-FAN48632BUC33X Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN48632UC33X ONSEMI-FAN48632UC33X Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN48632UC35X ONSEMI-FAN48632UC35X Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
More results

同様の説明 - FAN48632

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
   Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
logo
Fairchild Semiconductor
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
   2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
   Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
   3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
   3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
logo
Fairchild Semiconductor
FAN48630 FAIRCHILD-FAN48630 Datasheet
1Mb / 15P
   2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
   2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com