データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN54300UCX データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FAN54300UCX
部品情報  USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54300UCX データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN54300UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 9Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 10Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 11Page - Fairchild Semiconductor FAN54300UCX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN54300
• Rev. 1.0.4
8
Electrical Specifications
Unless otherwise specified: circuit of Figure 1, recommended operating temperature range for TJ and TA, VBUS or VIN = 5.0 V,
HZ1, HZ2, OPA_MODE = 0, (Charger Mode). SCL, SDA, OTG = 0 or 1.8 V. Typical values are for TJ = 25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
IVBUS
VBUS Current
PWM Switching, Open Battery, TE=0
33
mA
PWM Not Switching (VBAT > VOREG)
3.6
mA
0°C < TJ < 85°C, HZ1 = 1, VBAT > VLOWV
350
500
µA
0°C < TJ < 85°C, HZ1 = 1, VBAT <
VLOWV, 32S Mode
350
500
µA
IVIN
VIN Current
PWM Switching, Open Battery, TE=0
33
mA
PWM Not Switching (VBAT>VOREG)
2.6
mA
0°C < TJ < 85°C, HZ2 = 1, VIN > VLOWV
350
500
µA
0°C < TJ < 85°C, HZ2 = 1, VIN < VLOWV,
32S Mode
350
500
µA
IBAT
Battery Discharge Current in
High-Z Mode
0°C < TJ < 85°C, HZ1=HZ2 = 1 or
DIS=1, VBAT = 4.2 V
20
µA
0°C < TJ < 85°C, VBAT = 4.2 V, VIN =
VBUS = Open or GND, HZ1=HZ2=1,
SDA = SCL = 1.8 V, No I
2C Traffic
30
µA
Charger Voltage Regulation
VOREG
Charge Voltage Range
3.5
4.4
V
Charge Voltage Accuracy
TA = 25°C
–0.5
+0.5
%
TJ = 0 to 125°C
–1
+1
%
Charging Current Regulation
IOCHRG
Output Charge Current Range
VLOWV < VBAT < VOREG,
VBUS > VSLP, RSENSE = 68 m
550
1500
mA
Charge Current Accuracy
Across RSENSE
20 mV < VIREG < 40 mV
92
97
102
% of
Setting
VIREG > 40 mV
94
97
100
Weak-Battery Detection
VLOWV
Weak-Battery Threshold
Accuracy
3.4 < VLOWV < 3.7
-5
+5
%
Weak Battery Deglitch Time
Rising Voltage, 2 mV Overdrive
30
ms
Logic Levels: DIS, SDA, SCL, OTG
VIH
HIGH-Level Input Voltage
1.05
V
VIL
LOW-Level Input Voltage
0.4
V
IIN
Input Bias Current
Input Tied to GND or VBAT
0.01
1.00
µA
Charge Termination Detection
I(TERM)
Termination Current Range
VBAT > VOREG – VRCH, VBUS > VSLP,
RSENSE = 68 m
50
400
mA
Termination Current Accuracy
[VCSIN – VBAT ] from 3 mV to 20 mV
–25%
+25%
[VCSIN – VBAT ] from 20 mV to 40 mV
–5%
+5%
Termination Current Deglitch
Time
2 mV Overdrive
30
ms
Continued on the following page…


同様の部品番号 - FAN54300UCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
FAN5400 FAIRCHILD-FAN5400 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
FAN54005UCX ONSEMI-FAN54005UCX Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Fairchild Semiconductor
FAN5400UCX FAIRCHILD-FAN5400UCX Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
More results

同様の説明 - FAN54300UCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
Texas Instruments
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com